Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT59920-7SOI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT59920-7SOI
Description  LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT59920-7SOI Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT59920-7SOI Datasheet HTML 1Page - Integrated Device Technology IDT59920-7SOI Datasheet HTML 2Page - Integrated Device Technology IDT59920-7SOI Datasheet HTML 3Page - Integrated Device Technology IDT59920-7SOI Datasheet HTML 4Page - Integrated Device Technology IDT59920-7SOI Datasheet HTML 5Page - Integrated Device Technology IDT59920-7SOI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT59920A
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
RECOMMENDED OPERATING RANGE
IDT59920A-5,-7
IDT59920A-2
(Industrial)
(Commercial)
Symbol
Description
Min.
Max.
Min.
Max.
Unit
VDD
Power Supply Voltage
4.5
5.5
4.75
5.25
V
TA
AmbientOperatingTemperature
-40
+85
0
+70
°C
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Typ.
Max.
Unit
IDDQ
Quiescent Power Supply Current
VDD = Max., TEST = MID, REF = LOW,
10
40
mA
GND/sOE = LOW, All outputs unloaded
∆IDD
Power Supply Current per Input HIGH
VDD = Max., VIN = 3.4V
0.4
1.5
mA
IDDD
Dynamic Power Supply Current per Output
VDD = Max., CL = 0pF
100
160
µA/MHz
ITOT
Total Power Supply Current
VDD = 5V, FREF = 25MHz, CL = 240pF(1)
53
VDD = 5V, FREF = 33MHz, CL = 240pF(1)
63
mA
VDD = 5V, FREF = 66MHz, CL = 240pF(1)
117
NOTE:
1. For eight outputs, each loaded with 30pF.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Symbol
Parameter
Conditions
Min.
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH (REF, FB Inputs Only)
VDD
1.35
V
VIL
InputLOWVoltage
Guaranteed Logic LOW (REF, FB Inputs Only)
1.35
V
VIHH
Input HIGH Voltage(1)
3-Level Inputs Only
VDD
1—
V
VIMM
Input MID Voltage(1)
3-Level Inputs Only
VDD/2
0.5
VDD/2+0.5
V
VILL
InputLOWVoltage(1)
3-Level Inputs Only
1
V
IIN
InputLeakageCurrent
VIN = VDD or GND
±5
µA
(REF, FB Inputs Only)
VDD = Max.
VIN = VDD
HIGH Level
±200
I3
3-Level Input DC Current (TEST, FS)
VIN = VDD/2
MID Level
±50
µA
VIN = GND
LOW Level
±200
IPU
Input Pull-Up Current (VDDQ/PE)
VDD = Max., VIN = GND
±100
µA
IPD
Input Pull-Down Current (GND/sOE)VDD = Max., VIN = VDD
±100
µA
VOH
Output HIGH Voltage
VDD = Min., IOH =
16mA
V
VDD = Min., IOH =
40mA
VDD
0.75
VOL
OutputLOWVoltage
VDD = Min., IOL = 46mA
0.45
V
IOS
OutputShortCircuitCurrent(2)
VDD = Max., VO = GND
N/A
mA
NOTES:
1. These inputs are normally wired to VDD, GND, or unconnected. Internal termination resistors bias unconnected inputs to VDD/2. If these inputs are switched, the function and
timing of the outputs may be glitched, and the PLL may require an additional tLOCK time before all datasheet limits are achieved.
2. Outputs are not to be shorted.


Similar Part No. - IDT59920-7SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5992-5JI IDT-IDT5992-5JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992-7JI IDT-IDT5992-7JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A-2J IDT-IDT5992A-2J Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A-2JI IDT-IDT5992A-2JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results

Similar Description - IDT59920-7SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com