Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCH16646A Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74LVCH16646A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16646A Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74LVCH16646A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 6Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 7Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH16646A
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER
1
MARCH 1999
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 1999 Integrated Device Technology, Inc.
DSC-3787/1
FEATURES:
? Typical tSK(o) (Output Skew) < 250ps
? ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
?VCC = 3.3V ± 0.3V, Normal Range
?VCC = 2.7V to 3.6V, Extended Range
? CMOS power levels (0.4
µµµµµ W typ. static)
? All inputs, outputs, and I/O are 5V tolerant
? Supports hot insertion
? Available in SSOP, TSSOP, and TVSOP packages
FUNCTIONAL BLOCK DIAGRAM
DRIVE FEATURES:
? High Output Drivers: ±24mA
? Reduced system switching noise
APPLICATIONS:
? 5V and 3.3V mixed voltage systems
? Data communication and telecommunication systems
IDT74LVCH16646A
DESCRIPTION:
The LVCH16646A 16-bit bus transceiver and register is built using
advanced dual metal CMOS technology. This high-speed, low power
device is organized as two independent 8-bit D-type transceivers with 3-
state D-type registers.The controls circuitry is organized for multiplexed
transmission of data between A bus and B bus either directly or from the
internal storage registers. Each 8-bit transceiver/register features direction
control (DIR), over-riding Output Enable control (OE) and Select lines (SAB
andSBA)toselecteitherreal-timedataorstoreddata.Separateclockinputs
are provided for A and B port registers. Data on the A or B data bus, or both,
can be stored in the internal registers by the low-to-high transitions at the
appropriate clock pins. Flow-through organization of signal pins simplifies
layout. All inputs are designed with hysteresis for improved noise margin.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVCH16646A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
The LVCH16646A has ?bus-hold? which retains the inputs? last state
whenever the input goes to a high impedance. This prevents floating inputs
and eliminates the need for pull-up/down resistors.
3.3V CMOS 16-BIT BUS
TRANSCEIVER/REGISTER
WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O AND BUS-HOLD
TO SEVEN OTHER CHANNELS
1
B1
1D
C1
1D
C1
1
A1
1
SAB
1
CLKAB
1
SBA
1OE
1
CLKBA
2
B1
1D
C1
1D
C1
2
A1
2
SAB
2
CLKAB
2
SBA
2
OE
2
CLKBA
2
DIR
1
DIR
56
1
55
54
2
3
5
29
28
30
31
27
26
15
52
42
One of Eight Channels
One of Eight Channels
TO SEVEN OTHER CHANNELS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCR162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC2245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
74ALVCH1622453.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn