Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCH16646A Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. IDT74LVCH16646A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16646A Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74LVCH16646A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 6Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 7Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH16646A
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER
7
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
500
CL
RT
VIN
VOUT
(1, 2)
LVC Link
INPUT
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OUTPUT 1
OUTPUT 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
LVC Link
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
LVC Link
DATA
INPUT
0V
0V
0V
0V
tREM
TIMING
INPUT
ASYNCHRONOUS
CONTROL
SYNCHRONOUS
CONTROL
tSU
tH
tSU
tH
VIH
VT
VIH
VT
VIH
VT
VIH
VT
LVC Link
LOW-HIGH-LOW
PULSE
HIGH-LOW-HIGH
PULSE
VT
tW
VT
LVC Link
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VHZ
LVC Link
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuit for All Outputs
Enable and Disable Times
Set-up, Hold, and Release Times
NOTES:
1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
Output Skew - tSK(X)
Pulse Width
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Symbol VCC(1)=3.3V±0.3V VCC(1)=2.7V
VCC(2)=2.5V±0.2V
Unit
VLOAD
6
6
2 x Vcc
V
VIH
2.7
2.7
Vcc
V
VT
1.5
1.5
Vcc / 2
V
VLZ
300
300
150
mV
VHZ
300
300
150
mV
CL
50
50
30
pF
TEST CONDITIONS
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
VLOAD
Enable Low
Disable High
GND
Enable High
All Other Tests
Open


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCR162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC2245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
74ALVCH1622453.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn