Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCH16646A Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT74LVCH16646A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16646A Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74LVCH16646A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 6Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 7Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVCH16646A
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fMAX
150
150
MHz
tPLH
PropagationDelay
6.8
1.3
5.7
ns
tPHL
xAx to xBx or xBx to xAx
tPLH
PropagationDelay
7.9
1.8
6.7
ns
tPHL
xCLKBA or xCLKAB to xAx or xBx
tPLH
PropagationDelay
9.2
1.7
7.7
ns
tPHL
xSBA or xSAB to xAx or xBx
tPZH
OutputEnableTime
8.5
1.3
6.9
ns
tPZL
xOE to xAx or Bx
tPZH
OutputEnableTime
8.5
1.4
7.2
ns
tPZL
xDIR to xAx or Bx
tPHZ
OutputDisableTime
7.7
2.1
6.9
ns
tPLZ
xOE to xAx or Bx
tPHZ
OutputDisableTime
7.8
2
7
ns
tPLZ
xDIR to xAx or Bx
tSU
Set-upTime
3.2
2.9
ns
xAx or xBx before CLKAB
↑ or CLKBA↑
tH
Hold Time
0
0.3
ns
xAx or xBx after CLKAB
↑ or CLKBA↑
tW
Pulse Duration, CLK HIGH or LOW
3.3
3.3
ns
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT74LVCH16245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH162244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH16244A3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCR162245A3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVCH245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC2245A3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
IDT74LVC16373A3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 1 2 3 4 5 MoreIntegrated Device Technology
74ALVCH1622453.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn