Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCH16646A Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT74LVCH16646A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16646A Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74LVCH16646A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 6Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 7Page - Integrated Device Technology IDT74LVCH16646A Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH16646A
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER
5
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
60
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
12
BUS-HOLDCHARACTERISTICS
Symbol
Parameter(1)
Test Conditions
Min.
Typ.(2)
Max.
Unit
IBHH
Bus-HoldInputSustainCurrent
VCC = 3V
VI = 2V
– 75
µA
IBHL
VI = 0.8V
75
IBHH
Bus-HoldInputSustainCurrent
VCC = 2.3V
VI = 1.7V
µA
IBHL
VI = 0.7V
IBHHO
Bus-Hold Input Overdrive Current
VCC = 3.6V
VI = 0 to 3.6V
±500
µA
IBHLO
NOTES:
1. Pins with Bus-Hold are identified in the pin description.
2. Typical values are at VCC = 3.3V, +25°C ambient.


Similar Part No. - IDT74LVCH16646A

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT74LVCH16652 IDT-IDT74LVCH16652 Datasheet
116Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, BUS-HOLD
IDT74LVCH16652PA IDT-IDT74LVCH16652PA Datasheet
116Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, BUS-HOLD
IDT74LVCH16652PV IDT-IDT74LVCH16652PV Datasheet
116Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, BUS-HOLD
More results

Similar Description - IDT74LVCH16646A

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCHR162245A IDT-IDT74LVCHR162245A Datasheet
103Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC16646A IDT-IDT74LVC16646A Datasheet
211Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH16652 IDT-IDT74LVCH16652 Datasheet
116Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, BUS-HOLD
IDT74LVCH32245A IDT-IDT74LVCH32245A Datasheet
135Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT74LVCH162245A IDT-IDT74LVCH162245A Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCH16543A IDT-IDT74LVCH16543A Datasheet
100Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT74LVC16245A IDT-IDT74LVC16245A Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz