Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7793 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7793
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7793 Datasheet(HTML) 1 Page - Analog Devices

  AD7793 Datasheet HTML 1Page - Analog Devices AD7793 Datasheet HTML 2Page - Analog Devices AD7793 Datasheet HTML 3Page - Analog Devices AD7793 Datasheet HTML 4Page - Analog Devices AD7793 Datasheet HTML 5Page - Analog Devices AD7793 Datasheet HTML 6Page - Analog Devices AD7793 Datasheet HTML 7Page - Analog Devices AD7793 Datasheet HTML 8Page - Analog Devices AD7793 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Low Power, 16/24-Bit Sigma-Delta ADC with
Low-Noise In-Amp and Embedded Reference
Preliminary Technical Data
AD7792/AD7793
REV.PrF
6/04.
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Resolution:
AD7792: 16-Bit
AD7793: 24-Bit
Low Noise Programmable Gain Instrumentation-Amp
RMS noise: 80 nV (Gain = 64)
Bandgap Reference with 5ppm/ C Drift typ
Power
Supply: 2.7 V to 5.25 V operation
Normal: 400 µA typ
Power-down: 1 µA max
Update Rate: 4 Hz to 500 Hz
Simultaneous 50 Hz/60 Hz Rejection
Internal Clock Oscillator
Programmable Current Sources (10 µA/200 µA/1 mA)
On-Chip Bias Voltage Generator
100 nA Burnout Currents
Independent Interface Power Supply
16-Lead TSSOP Package
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Thermocouple Measurements
RTD Measurements
Thermistor Measurements
FUNCTIONAL BLOCK DIAGRAM
GND
AVDD
AD7792/AD7793
SERIAL
INTERFACE
AND
CONTROL
LOGIC
INTERNAL
CLOCK
CLK
SIGMA DELTA
ADC
REFIN(+)/AIN3(+)
REFIN(-)/AIN3(-)
BANDGAP
REFERENCE
GND
IN-AMP
VDD
GND
DOUT/RDY
DIN
SCLK
CS
DVDD
AIN1(+)
AIN1(-)
AIN2(+)
AIN2(-)
VDD
IOUT2
VBIAS
IOUT1
MUX
Figure 1.
GENERAL DESCRIPTION
The AD7792/AD7793 is a low power, complete analog front end
for low frequency measurement applications. The
AD7792/AD7793 contains a low noise 16/24-bit ∑-∆ ADC with
three differential analog inputs. The on-chip low noise
instrumentation amplifier means that signals of small
amplitude can be interfaced directly to the ADC. With a gain
setting of 64, the rms noise is 80 nV when the update rate equals
16.6 Hz.
The device contains a precision low noise, low drift internal
bandgap reference for absolute measurements. An external
reference can also be used if ratiometric measurements are re-
quired. On-chip programmable excitation current sources can
be used to supply a constant current to RTDs and thermistors
while the 100 nA burnout currents can be used to ensure that
the sensors connected to the ADC are not burnt out. For ther-
mocouple applications, the on-chip bias voltage generator steps
up the common mode voltage from the thermocouple so that it
is within the ADC’s allowable range.
The device can be operated with the internal clock or, alterna-
tively, an external clock can be used if synchronizing several
devices. The output data rate from the part is software pro-
grammable and can be varied from 4 Hz to 500 Hz.
The part operates with a power supply from 2.7 V to 5.25 V. It
consumes a current of 450 uA maximum and is housed in a 16-
lead TSSOP package.


Similar Part No. - AD7793

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7793 AD-AD7793 Datasheet
519Kb / 7P
   Devices Connected
AD7793BRU AD-AD7793BRU Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRU-REEL AD-AD7793BRU-REEL Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRUZ-REEL1 AD-AD7793BRUZ-REEL1 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
AD7793BRUZ1 AD-AD7793BRUZ1 Datasheet
661Kb / 32P
   3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. B
More results

Similar Description - AD7793

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7798 AD-AD7798 Datasheet
499Kb / 17P
   Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
Rev. B
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com