Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC100-15 Datasheet(PDF) 4 Page - C&D Technologies

Part # SLC100-15
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

SLC100-15 Datasheet(HTML) 4 Page - C&D Technologies

  SLC100-15 Datasheet HTML 1Page - C&D Technologies SLC100-15 Datasheet HTML 2Page - C&D Technologies SLC100-15 Datasheet HTML 3Page - C&D Technologies SLC100-15 Datasheet HTML 4Page - C&D Technologies SLC100-15 Datasheet HTML 5Page - C&D Technologies SLC100-15 Datasheet HTML 6Page - C&D Technologies SLC100-15 Datasheet HTML 7Page - C&D Technologies SLC100-15 Datasheet HTML 8Page - C&D Technologies SLC100-15 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
ORDERING INFORMATION
MODEL NUMBER
Vout (Vdc)
PINOUT
LOGIC
SLC100 - 1
1.0
Through Hole
Positive
SLC100 - 2
1.2
Through Hole
Positive
SLC100 - 3
1.5
Through Hole
Positive
SLC100 - 4
1.8
Through Hole
Positive
SLC100 - 5
2.0
Through Hole
Positive
SLC100 - 6
2.5
Through Hole
Positive
SLC100 - 7
3.3
Through Hole
Positive
SLC100 - 8
5.0
Through Hole
Positive
SLC100 - 9
12.0
Through Hole
Positive
SLC100 - 10
1.0
SMD
Positive
SLC100 - 11
1.2
SMD
Positive
SLC100 - 12
1.5
SMD
Positive
SLC100 - 13
1.8
SMD
Positive
SLC100 - 14
2.0
SMD
Positive
SLC100 - 15
2.5
SMD
Positive
SLC100 - 16
3.3
SMD
Positive
SLC100 - 17
5.0
SMD
Positive
SLC100 - 18
12.0
SMD
Positive
MODEL NUMBER
Vout (Vdc)
PINOUT
LOGIC
SLC100 - 19
1.0
Through Hole
Negative
SLC100 - 20
1.2
Through Hole
Negative
SLC100 - 21
1.5
Through Hole
Negative
SLC100 - 22
1.8
Through Hole
Negative
SLC100 - 23
2.0
Through Hole
Negative
SLC100 - 24
2.5
Through Hole
Negative
SLC100 - 25
3.3
Through Hole
Negative
SLC100 - 26
5.0
Through Hole
Negative
SLC100 - 27
12.0
Through Hole
Negative
SLC100 - 28
1.0
SMD
Negative
SLC100 - 29
1.2
SMD
Negative
SLC100 - 30
1.5
SMD
Negative
SLC100 - 31
1.8
SMD
Negative
SLC100 - 32
2.0
SMD
Negative
SLC100 - 33
2.5
SMD
Negative
SLC100 - 34
3.3
SMD
Negative
SLC100 - 35
5.0
SMD
Negative
SLC100 - 36
12.0
SMD
Negative


Similar Part No. - SLC100-15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SLC100-15 MURATA-PS-SLC100-15 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
More results

Similar Description - SLC100-15

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com