Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD161623 Datasheet(PDF) 81 Page - NEC

Part # UPD161623
Description  528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD161623 Datasheet(HTML) 81 Page - NEC

Back Button UPD161623 Datasheet HTML 75Page - NEC UPD161623 Datasheet HTML 76Page - NEC UPD161623 Datasheet HTML 77Page - NEC UPD161623 Datasheet HTML 78Page - NEC UPD161623 Datasheet HTML 79Page - NEC UPD161623 Datasheet HTML 80Page - NEC UPD161623 Datasheet HTML 81Page - NEC UPD161623 Datasheet HTML 82Page - NEC UPD161623 Datasheet HTML 83Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 81 / 83 page
background image
Data Sheet S15817EJ2V0DS
81
µµµµPD161623
9.
µµµµ PD161623, 161641, and 161660 CONNECTION DIAGRAM EXAMPLE
Connection diagram examples for the
µ PD161623, 161641, and 161660 are shown below.
µPD161623
µPD161660
µPD161641
TFT-LCD Panel
176 x RGB x 240
CPU
VDD
1.7 V to VDD2
VDD1
VS
DCON
RGONP
VCE
VCD11
VCD12
VCD2
LPMP
GCLK
GSTB
GOE1
GOE2
VCOMR
VCOM
VCOUT1
VSS
DCON
RGONP
VCE
VCD11
VCD12
VCD2
LPMP
VS
VDC
VSS
2.5 to 5.5 V
2.5 to 3.6 V
GND(0 V)
O1
O2
O240
VSS
COMMON
SB
FBRSEL


Similar Part No. - UPD161623

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161620 NEC-UPD161620 Datasheet
470Kb / 71P
   432 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD161622 NEC-UPD161622 Datasheet
954Kb / 103P
   396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Renesas Technology Corp
UPD161622 RENESAS-UPD161622 Datasheet
1Mb / 106P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD161622P NEC-UPD161622P Datasheet
954Kb / 103P
   396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Renesas Technology Corp
UPD161622P RENESAS-UPD161622P Datasheet
1Mb / 106P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD161623

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161622 NEC-UPD161622 Datasheet
954Kb / 103P
   396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD161620 NEC-UPD161620 Datasheet
470Kb / 71P
   432 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com