Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SLC100-6 Datasheet(PDF) 9 Page - C&D Technologies

Part No. SLC100-6
Description  40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CANDD [C&D Technologies]
Homepage  http://www.cdpowerelectronics.com
Logo 

SLC100-6 Datasheet(HTML) 9 Page - C&D Technologies

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
SLC100 1.2V Rev C 11/2004
Product: www.cdpoweronline.com
PERFORMANCE CURVES: SLC100 (1.2 VOUT)
Turn Off Time (VIN to VOUT)
Turn On Time (VIN to VOUT)
Efficiency vs. Input Voltage
@ T
A = +25
0C; I
O = 40A
Efficiency vs. Output Current
@ T
A = +25
0C; Vin = 48Vdc
Primary On Time (Primary Remote to VOUT)
Primary Off Time (Primary Remote to VOUT)
Time Scale = 1ms/div
V
OUT
V
IN
V
OUT
V
IN
Time Scale = 50us/div
Time Scale = 1ms/div
ON/OFF
V
OUT
Time Scale = 50us/div
V
OUT
V
OUT
ON/OFF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn