Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AUC126 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AUC126
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74AUC126 Datasheet(HTML) 2 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.ti.com
1
1OE
2
1A
1Y
3
4
2OE
5
2A
2Y
6
10
3OE
9
3A
3Y
8
13
4OE
12
4A
4Y
11
Absolute Maximum Ratings
(1)
SN74AUC126
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES509 – NOVEMBER 2003 – REVISED DECEMBER 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
θ
JA
Package thermal impedance(3)
47
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-5.
2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn