Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AUC126 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AUC126
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74AUC126 Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
SN74AUC126
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES509 – NOVEMBER 2003 – REVISED DECEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
0.8 V to 2.7 V
VCC – 0.1
IOH = –0.7 mA
0.8 V
0.55
IOH = –3 mA
1.1 V
0.8
VOH
V
IOH = –5 mA
1.4 V
1
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
IOL = 3 mA
1.1 V
0.3
VOL
V
IOL = 5 mA
1.4 V
0.4
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
IOZ
VO = VCC or GND
2.7 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Ci
VI = VCC or GND
2.5 V
2.5
pF
Co
VO = VCC or GND
2.5 V
5
pF
(1)
All typical values are at TA = 25°C.
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN MAX
MIN
MAX
MIN
TYP MAX
MIN
MAX
tpd
A
Y
5.8
0.7
3.7
0.6
2.6
0.5
1
2.1
0.5
1.3
ns
ten
OE
Y
6.2
0.9
3.8
0.7
2.5
0.6
1
2.2
0.6
1.3
ns
tdis
OE
Y
4.3
1.6
4.7
1.5
3.5
1.4
2.4
3.4
1
2.5
ns
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
0.5
1.8
2.6
0.5
2.1
ns
ten
OE
Y
0.6
1.6
2.7
0.6
2.2
ns
tdis
OE
Y
1.2
2.4
3.3
0.8
2.2
ns
4


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn