Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD161602B Datasheet(PDF) 8 Page - NEC

Part # UPD161602B
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD161602B Datasheet(HTML) 8 Page - NEC

Back Button UPD161602B Datasheet HTML 4Page - NEC UPD161602B Datasheet HTML 5Page - NEC UPD161602B Datasheet HTML 6Page - NEC UPD161602B Datasheet HTML 7Page - NEC UPD161602B Datasheet HTML 8Page - NEC UPD161602B Datasheet HTML 9Page - NEC UPD161602B Datasheet HTML 10Page - NEC UPD161602B Datasheet HTML 11Page - NEC UPD161602B Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Data Sheet S15381EJ1V0DS
8
µµµµPD161602A/B
(2/2)
Pin Symbol
Pin Name
Pad No.
I/O
Description
VCsel
COM amplitude
output fixing signal
428
Input The VCOM output is fixed to L. When the VCOM output is not used, VCsel needs
to be fixed to L.
VCsel = L: VCOM output fixed to L
VCsel = H: VCOM signal output in correspondence with POL signal
CM
8-color display
mode switching
433
Input The operating mode is switched to 8-color mode. In this mode, turn off the
γ -
resistor, amplifier, and BIAS circuit. However, when the
γ -correction power supply
is input externally, the
γ -circuit current will flow continuously.
CM = L: Normal display mode
CM = H: 8-color display mode
AP
Output SW
ON/OFF
435
Input This pin turns ON/OFF the BIAS circuit and turns on the output SW and amplifier.
When AP is H, the amplifier is set and the LCD is driving.
The amplifier output and output SW are turned on at the rising edge of AP,
starting the LCD drive. Note that the output SW is turned off at the rising edge of
STB and the output becomes Hi-Z.
For the AP input timing, refer to Switching Characteristics Waveform.
GAM
External
γ usage
selection
432
Input When the
γ -correction power supply is input externally, switch GAM to H. If two or
more chips are used, be sure to input the
γ -correction power supply externally.
Figure 4–1 shows an input example of the
γ -correction power supply.
GAM = L: External
γ -correction power supply not input (open)
GAM = H: External
γ -correction power supply input
Osel
Driver output
count switching
430
Input The output count can be selected. When Osel = H, the unused pins S1 to S18 and
S379 to S396 always become Hi-Z.
Osel = L: 396 outputs
Osel = H: 360 outputs
V0 to V4
γ -corrected power
supplies
461 to 463,
457 to 459, 453
to 455, 449 to
451, 445 to 447
These pins input the
γ -corrected power supplies from outside, the relationship
below must be observed. Also, be sure to stabilize the gray-scale-level power
supply during gray-scale voltage output.
VSS2
≤ V4 ≤ V3 ≤ V2 ≤ V1 ≤ V0 ≤ VDD2
BA
BIAS current
adjustment
function
431
Input This pin adjusts the BIAS current. Select either the high power mode or low power
mode.
BA = L: Low power mode
BA = H: high power mode
TESTIN
TEST input pin
480
Input Set to H or leave open
TESTO1,
TESTO2
TEST output pin
478,
479
Output Leave open.
VDD1
Logic power
supply
416 to 418, 482
to 484
2.2 to 3.6 V
VDD2
Driver power
supply
412 to 414, 494
to 496
4.5 to 5.5 V
VSS1
Logic ground
420 to 422, 486
to 488
Ground
VSS2
Driver ground
424 to 426, 490
to 492
Ground
Dummy1 to
dummy40
Dummy
397 to 408, 411,
415, 419, 423, 427,
444, 448, 452, 456,
460, 464, 481, 485,
489, 493, 487, 499
to 510
This pin is dummy.
Caution To avoid latchup failure, the sequence when turning on the power must be VDD1
→ logic input →
VDD2
→gray-scale power supply (V0 to V4), and the reverse sequence when turning off the power.
Follow this sequence during shift periods as well.


Similar Part No. - UPD161602B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD161602BP RENESAS-UPD161602BP Datasheet
518Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD161602B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160010 NEC-UPD160010 Datasheet
321Kb / 19P
   384-/360-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061A NEC-UPD160061A Datasheet
586Kb / 18P
   384-/360-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD161602AB RENESAS-PD161602AB_15 Datasheet
518Kb / 26P
   360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD161622 NEC-UPD161622 Datasheet
954Kb / 103P
   396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com