Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG117A Datasheet(PDF) 1 Page - Micro Electronics

Part # SG117A
Description  1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

SG117A Datasheet(HTML) 1 Page - Micro Electronics

  SG117A Datasheet HTML 1Page - Micro Electronics SG117A Datasheet HTML 2Page - Micro Electronics SG117A Datasheet HTML 3Page - Micro Electronics SG117A Datasheet HTML 4Page - Micro Electronics SG117A Datasheet HTML 5Page - Micro Electronics SG117A Datasheet HTML 6Page - Micro Electronics SG117A Datasheet HTML 7Page - Micro Electronics SG117A Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
The SG117A Series are 3-terminal positive adjustable voltage
regulators which offer improved performance over the original 117
design.
A major feature of the SG117A is reference voltage
tolerance guaranteed within ± 1%, allowing an overall power supply
tolerance to be better than 3% using inexpensive 1% resistors. Line
and load regulation performance has been improved as well.
Additionally, the SG117A reference voltage is guaranteed not to
exceed 2% when operating over the full load, line and power
dissipation conditions. The SG117A adjustable regulators offer an
improved solution for all positive voltage regulator requirements
with load currents up to 1.5A.
FEATURES
••••• 1% output voltage tolerance
••••• 0.01%/V line regulation
••••• 0.3% load regulation
••••• Min. 1.5A output current
••••• Available in hermetic TO-220
HIGH RELIABILITY FEATURES-SG117A/SG117
♦ Available to MIL-STD-883 and DESC SMD
♦ MIL-M38510/11704BYA - JAN117K
♦ MIL-M38510/11703BXA - JAN117T
♦ LMI level "S" processing available
SG117A/SG217A/SG317A
SG117/SG217/SG317
1.5 AMP THREE TERMINAL
ADJUSTABLE VOLTAGE REGULATOR
SCHEMATIC DIAGRAM
2/93 Rev 1.
2 10/02
LINFINITY Microelectronics Inc.
Copyright
 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570


Similar Part No. - SG117A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
SG117A MICROSEMI-SG117A Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117A MICROSEMI-SG117A Datasheet
365Kb / 9P
   TM 1.5A Three Terminal Adj. Voltage Regulator
SG117AF MICROSEMI-SG117AF Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117AF MICROSEMI-SG117AF Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
More results

Similar Description - SG117A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
SGR117A MICROSEMI-SGR117A Datasheet
48Kb / 3P
   RAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com