Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD160083NL Datasheet(PDF) 4 Page - NEC

Part # UPD160083NL
Description  480-OUTPUT TFT-LCD SOURCE DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD160083NL Datasheet(HTML) 4 Page - NEC

  UPD160083NL Datasheet HTML 1Page - NEC UPD160083NL Datasheet HTML 2Page - NEC UPD160083NL Datasheet HTML 3Page - NEC UPD160083NL Datasheet HTML 4Page - NEC UPD160083NL Datasheet HTML 5Page - NEC UPD160083NL Datasheet HTML 6Page - NEC UPD160083NL Datasheet HTML 7Page - NEC UPD160083NL Datasheet HTML 8Page - NEC UPD160083NL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Preliminary Product Information S16450EJ1V0PM00
4
µ PD160083
3. PIN FUNCTIONS
(1/2)
Pin Symbol
Pin Name
I/O
Description
S1 to S480
Driver
Output
The D/A converted 256-gray-scale analog voltage is output.
D00P to D03P,
D00N to D03N
D10P to D13P,
D10N to D13N
D20P to D23P,
D20N to D23N
Display
data
(RSDS)
Input
The display data is input with a width of 12 bits by double edge, viz., the gray scale
data (8 bits) by 3 dots (1 pixel).
R,/L
(CMOS)
Shift direction
control
Input
These refer to the start pulse input/output pins when driver ICs are connected in
cascade. The shift directions of the shift registers are as follows.
R,/L = H (VDD1 level): STHR input, S1
→ S480, STHL output
R,/L = L (VSS1 level): STHL input, S480
→ S1, STHR output
STHR
(CMOS)
Right shift start
pulse
I/O
R,/L = H (VDD1 level): Becomes the start pulse input pin.
R,/L = L (VSS1 level): Becomes the start pulse output pin.
STHL
(CMOS)
Left shift start
I/O
R,/L = H (VDD1 level): Becomes the start pulse output pin.
R,/L = L (VSS1 level): Becomes the start pulse input pin.
CLKP,
CLKN
(RSDS)
Shift clock
Input
Refers to the shift register’s shift clock input. The display data is incorporated into
the data register at both of rising and falling edge.
At the falling edge of the 160th clock after the start pulse input, the start pulse
output reaches the high level, thus becoming the start pulse of the next-level driver.
STB
(CMOS)
Latch
Input
The contents of the data register are transferred to the latch circuit at the rising
edge. And the output timing and output short function are controlled by MODE1 to
MODE3. Please refer to 8. RELATIONSHIP BETWEEN STB, POL, MODE1 to
MODE3 AND OUTPUT WAVEFORM for more detail. It is necessary to ensure
input of one pulse per horizontal period.
POL
(CMOS)
Polarity
Input
POL = H (VDD1 level): The S2n–1 output uses V0-V8 as the reference supply.
The S2n output uses V9-V17 as the reference supply.
POL = L (VSS1 level): The S2n–1 output uses V9-V17 as the reference supply.
The S2n output uses V0-V8 as the reference supply.
S2n-1 indicates the odd output: and S2n indicates the even output. Input of the POL
signal is allowed the setup time (tPOL-STB) with respect to STB’s rising edge.
INV
(CMOS)
Data inversion
Input
Data inversion can invert when display data is loaded.
INV = H (VDD1 level): Data inversion loads display data after inverting it.
INV = L (VSS1 level): Data inversion does not invert input data.
Please input DC signal. For details, refer to 6. DATA INVERSION.
LPC
Low power control
Input
LPC = L or open: Normal mode (default)
LPC = H: Low power mode (35% lower than noamal mode)
This pin is pulled down to the VSS1D inside the IC.
This pin controls the output short function.
MODE1
MODE2
MODE3
Output Short
Remark
H or open
X
X
Non-active
Output short circuit OFF
H or open
X
Active
During STB = H
H or open
H or open
During 34 CLK after STB falling
L
L
L
L
During 68 CLK after STB falling
MODE1 to
MODE3
Output short contro
Input
Remark X: H or L
Output short function works only when POL signal is changed from previous line.
This pin is pulled up to VDD1D inside the IC.


Similar Part No. - UPD160083NL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD160083NL-XXX RENESAS-UPD160083NL-XXX Datasheet
410Kb / 25P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD160083NL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Samsung semiconductor
S6C0676 SAMSUNG-S6C0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
logo
Samsung semiconductor
KS0676 SAMSUNG-KS0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
   420-OUTPUT TFT-LCD SOURCE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com