Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK210 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK210
Description  Low voltage dual 1-5 differential ECL/PECL clock driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK210 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK210 Datasheet HTML 1Page - NXP Semiconductors PCK210 Datasheet HTML 2Page - NXP Semiconductors PCK210 Datasheet HTML 3Page - NXP Semiconductors PCK210 Datasheet HTML 4Page - NXP Semiconductors PCK210 Datasheet HTML 5Page - NXP Semiconductors PCK210 Datasheet HTML 6Page - NXP Semiconductors PCK210 Datasheet HTML 7Page - NXP Semiconductors PCK210 Datasheet HTML 8Page - NXP Semiconductors PCK210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product data
PCK210
Low voltage dual 1:5 differential
ECL/PECL clock driver
2004 Apr 23
5
DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = VCCO = 0.0 V; VEE = –2.25 V to –3.80 V.
SYMBOL
PARAMETER
CONDITIONS
–40
°C
+25
°C
+85
°C
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
IEE
Internal supply current
Absolute value of current
20
80
20
85
30
90
mA
ICC
Output and internal
supply current
All outputs terminated
50
Ω to VCC – 2.0 V
270
390
270
395
270
405
mA
IIN
Input current
Includes pull-up/pull-down
resistors
150
150
150
µA
VBB
Internally generated bias
voltage
for VEE = –2.25 V to –3.8 V
–1.38
–1.16
–1.38
–1.16
–1.38
–1.16
V
VPP
Input amplitude
Difference of input
≈ VIH – VIL (Note 1)
0.5
1.3
0.5
1.3
0.5
1.3
V
VCMR
Common mode voltage
Crosspoint of input
≈ average (VIH, VIL)
VEE + 1.0
–0.3
VEE + 1.0
–0.3
VEE + 1.0
–0.3
V
VOH
HIGH-level output voltage
IOH = –30 mA
–1.30
–0.95
–1.20
–0.85
V
VOL
LOW-level output voltage
IOL = –5 mA
–1.85
–1.40
–1.90
–1.50
V
VOUTpp
Differential output swing
350
500
mV
DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = VCCO = 2.25 V to 3.80 V; VEE = 0.0 V.
SYMBOL
PARAMETER
CONDITIONS
–40
°C
+25
°C
+85
°C
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
IEE
Internal supply current
Absolute value of
current
20
80
20
85
30
90
mA
ICC
Output and internal
supply current
All outputs terminated
50
Ω to VCC – 2.0 V
270
390
270
395
270
405
mA
IIN
Input current
Includes pull-up/
pull-down resistors
150
150
150
µA
VBB
Internally generated
bias voltage
VCC = 2.25 V to 3.8 V
VCC – 1.38
VCC – 1.16
VCC – 1.38
VCC – 1.16
VCC – 1.38
VCC – 1.16
V
VPP
Input amplitude
Difference of input
≈ VIH – VIL (Note 1)
0.5
1.3
0.5
1.3
0.5
1.3
V
VCMR
Common mode
voltage
Crosspoint of input
≈ average (VIH, VIL)
1
VCC – 0.3
1
VCC – 0.3
1
VCC – 0.3
V
VOH
HIGH-level output
voltage
IOH = –30 mA
VCC – 1.30
VCC – 0.95
VCC – 1.20
VCC – 0.85
V
VOL
LOW-level output
voltage
IOL = –5 mA
VCC – 1.85
VCC – 1.40
VCC – 1.90
VCC – 1.50
V
VOUTpp
Differential output
swing
350
500
mV
NOTE:
1. VPP minimum and maximum required to maintain AC specifications. Actual device function will tolerate minimum VPP of 100 mV.


Similar Part No. - PCK210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2000 PHILIPS-PCK2000 Datasheet
90Kb / 14P
   CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000DL PHILIPS-PCK2000DL Datasheet
90Kb / 14P
   CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
   CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2000MDB PHILIPS-PCK2000MDB Datasheet
81Kb / 12P
   CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
More results

Similar Description - PCK210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
logo
Arizona Microtek, Inc
AZ100LVE210 AZM-AZ100LVE210 Datasheet
71Kb / 5P
   ECL/PECL 1:4, 1:5 Differential Clock Driver
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222 Datasheet
174Kb / 8P
   Low Voltage 1:15 Differential 첨1첨2 ECL/PECL Clock Driver
February, 2000 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com