Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD160061ANL-XXX Datasheet(PDF) 6 Page - NEC

Part # UPD160061ANL-XXX
Description  384-/360-OUTPUT TFT-LCD SOURCE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD160061ANL-XXX Datasheet(HTML) 6 Page - NEC

Back Button UPD160061ANL-XXX Datasheet HTML 2Page - NEC UPD160061ANL-XXX Datasheet HTML 3Page - NEC UPD160061ANL-XXX Datasheet HTML 4Page - NEC UPD160061ANL-XXX Datasheet HTML 5Page - NEC UPD160061ANL-XXX Datasheet HTML 6Page - NEC UPD160061ANL-XXX Datasheet HTML 7Page - NEC UPD160061ANL-XXX Datasheet HTML 8Page - NEC UPD160061ANL-XXX Datasheet HTML 9Page - NEC UPD160061ANL-XXX Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet S16041EJ2V0DS
6
µPD160061A
5. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The
µPD160061A incorporates a 6-bit D/A converter whose odd output pins and even output pins output respectively
gray scale voltages of differing polarity with respect to the LCD’s counter electrode voltage. The D/A converter consists of
ladder resistors and switches.
The ladder resistors (r0 to r62) are designed so that the ratio of LCD panel
γ-compensated voltages to V0’ to V63’ and V0
to V63” is almost equivalent, resistor ratio is shown in Figure 5
−2. For the 2 sets of five
γ-compensated power supplies, V0
to V4 and V5 to V9, respectively, input gray scale voltages of the same polarity with respect to the common voltage. When
fine-gray scale voltage precision is not necessary, there is no need to connect a voltage follower circuit to the
γ-
compensated power supplies V1 to V3 and V6 to V8.
Figure 5–1 shows the relationship between the driving voltages such as liquid-crystal driving voltages VDD2 and VSS2,
common electrode potential VCOM, and
γ -corrected voltages V0 to V9 and the input data. Be sure to maintain the voltage
relationships of below.
VDD2 – 0.2 V
≥ V0 > V1 > V2 > V3 > V4 ≥ 0.5 VDD2
0.5 VDD2 – 0.3 V
≥ V5 > V6 > V7 > V8 > V9 > VSS2 + 0.2 V
Figures 5–2 indicates
γ -corrected voltages and ladder resistors ratio. Figures 5–3 indicates the relationship between the
input data and output voltage.
Figure 5–1. Relationship between Input Data and
γ - corrected Power Supplies
V1
V2
V3
V4
VSS2
00
10
20
30
3F
V0
V6
V8
VDD2
16
V9
16
16
16
16
0.2 V
0.2 V
0.3 V
Input data (HEX.)
16
16
16
V5
V7
Split interval
0.5 VDD2


Similar Part No. - UPD160061ANL-XXX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD160061ANL-XXX RENESAS-UPD160061ANL-XXX Datasheet
718Kb / 21P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD160061ANL-XXX

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160010 NEC-UPD160010 Datasheet
321Kb / 19P
   384-/360-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168M SHARP-LH168M Datasheet
109Kb / 17P
   384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
   384-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
logo
NEC
UPD161602A NEC-UPD161602A Datasheet
6Kb / 23P
   360/396-OUTPUT TFT-LCD SOURCE DRIVER
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com