Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JDV4P08U Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. JDV4P08U
Description  TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV4P08U Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDV4P08U Datasheet HTML 1Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Marking
MAXIMUM RATINGS(Ta = 25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
10
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
−55 ∼ 125
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN. TYP. MAX. UNIT
Reverse Voltage
VR
IR =
1 μA
10
V
Reverse Current
IR
VR = 10 V
3
nA
Capacitance
C1V
VR =
1 V
f =
1
MHz
17.3 18.3 19.3
pF
Capacitance
C4V
VR =
4 V
f =
1
MHz
5.3
6.1
6.6
pF
Capacitance Ratio
C1V/C4V
2.8
3.0
Series Resistance
rs
VR =
1 V
f =
470 MHz
0.3
0.5
Ω
TOSHIBA VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR TYPE
JDV4P08U
○ VCO FOR UHF BAND RADIO
 Small Package
 Ultra Low Series Resistance : rs = 0.30Ω (Typ.)
TV
Unit in mm
JEDEC
EIAJ
TOSHIBA
1-2U1A
2.1 ± 0.1
1.25 ± 0.1
1.ANODE 1
2.ANODE 2
3.CATHODE 2
4.CATHODE 1
USQ


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn