Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7038L Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7038L
Description  HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7038L Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7038L Datasheet HTML 1Page - Integrated Device Technology IDT7038L Datasheet HTML 2Page - Integrated Device Technology IDT7038L Datasheet HTML 3Page - Integrated Device Technology IDT7038L Datasheet HTML 4Page - Integrated Device Technology IDT7038L Datasheet HTML 5Page - Integrated Device Technology IDT7038L Datasheet HTML 6Page - Integrated Device Technology IDT7038L Datasheet HTML 7Page - Integrated Device Technology IDT7038L Datasheet HTML 8Page - Integrated Device Technology IDT7038L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.42
IDT7038L
High-Speed 64K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(2) (VCC = 5.0V ± 10%)
NOTES:
1.
At Vcc < 2.0V, input leakages are undefined.
2. Refer to Chip Enable Truth Table.
Symbol
Parameter
Test Conditions
7038L
Unit
Min.
Max.
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
___
5µ A
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
___
5µ A
VOL
Output Low Voltage
IOL = 4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
4837 tbl 09
NOTES:
1. VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA (Typ.)
2. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/ tRC, and using “AC Test Conditions” of input
levels of GND to 3V.
3. f = 0 means no address or control lines change.
4. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
5. Refer to Chip Enable Truth Table.
6. Industrial Temperature: for specific speeds, packages and powers contact your sales office.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,6,7) (VCC = 5.0V ± 10%)
Symbol
Parameter
Test Condition
Version
7038L15
Com'l Only
Typ.
(1)
Max
7038L20
Com'l Only
Typ.
(1)
Max
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(2)
COM'L
L
220
340
200
300
mA
IND
L
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
f = fMAX(2)
COM'L
L
65
100
50
75
mA
IND
L
____
____
____
____
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A" = VIL and CE"B" = VIH(4)
Active Port Outputs Disabled,
f=fMAX
(2), SEMR = SEML = VIH
COM'L
L
145
225
130
195
mA
IND
L
____
____
____
____
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V, VIN > VCC - 0.2V
or VIN < 0.2V, f = 0
(3)
SEMR = SEML > VCC - 0.2V
COM'L
L
0.2
3.0
0.2
3.0
mA
IND
L
____
____
____
____
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(4),
SEMR = SEML > VCC - 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V,
Active Port Outputs Disabled , f = fMAX
(2)
COM'L
L
135
220
120
190
mA
IND
L
____
____
____
____
4837 tbl 10


Similar Part No. - IDT7038L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_15 Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7038L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_15 Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L_17 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com