Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7038L Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7038L
Description  HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7038L Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7038L Datasheet HTML 1Page - Integrated Device Technology IDT7038L Datasheet HTML 2Page - Integrated Device Technology IDT7038L Datasheet HTML 3Page - Integrated Device Technology IDT7038L Datasheet HTML 4Page - Integrated Device Technology IDT7038L Datasheet HTML 5Page - Integrated Device Technology IDT7038L Datasheet HTML 6Page - Integrated Device Technology IDT7038L Datasheet HTML 7Page - Integrated Device Technology IDT7038L Datasheet HTML 8Page - Integrated Device Technology IDT7038L Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
IDT7038L
High-Speed 64K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Description
The IDT7038 is a high-speed 64K x 18 Dual-Port Static RAM. The
IDT7038 is designed to be used as a stand-alone 1152K-bit Dual-Port
RAM or as a combination MASTER/SLAVE Dual-Port RAM for 36-bit-or-
more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM
approach in 36-bit or wider memory system applications results in full-
speed, error-free operation without the need for additional discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (
CE0andCE1)permittheon-chip
circuitry of each port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only1W of power.
The IDT7038 is packaged in a 100-pin Thin Quad Flatpack (TQFP).
NOTES:
1. All Vcc pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part marking.
Pin Configurations(1,2,3)
INDEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 9594 93 92 91 90 89 88 87 8685 8483 82 8180 7978 77 76
OER
R/
WR
SEMR
CE1R
CE0R
A12R
A13R
A11R
A10R
A9R
A14R
I/O11R
I/O12R
I/O13R
I/O14R
I/O15R
GND
UBR
LBR
4837 drw 02
I/O15L
OEL
R/
WL
SEML
CE1L
CE0L
Vcc
GND
A14L
A13L
GND
A12L
A11L
A10L
A9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
UBL
LBL
A8R
IDT7038PF
PN100-1(4)
100-Pin TQFP
Top View(5)
A15R
A15L
I/O16R
I/O17R
I/O17L
I/O16L
GND
GND
.


Similar Part No. - IDT7038L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_15 Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7038L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_15 Datasheet
683Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L_17 Datasheet
185Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com