Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS7342L-1A Datasheet(PDF) 1 Page - California Eastern Labs

Part No. PS7342L-1A
Description  solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

PS7342L-1A Datasheet(HTML) 1 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
6-PIN DIP, HIGH ISOLATION VOLTAGE
1-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7342-1A,PS7342L-1A
DESCRIPTION
The PS7342-1A and PS7342L-1A are solid state relays containing GaAs LEDs on the light emitting side (input side)
and MOS FETs on the output side.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7342L-1A has a surface mount type lead.
FEATURES
• High isolation voltage (BV = 3 750 Vr.m.s.)
• 1 channel type (1 a output)
• Low LED Operating Current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6-pin DIP)
• Low offset voltage
• PS7342L-1A: Surface mount type
• UL approved: File No. E72422 (S)
• BSI approved: No. 8252/8253
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment
Document No. PN10309EJ01V1DS (1st edition)
(Previous No. P11566EJ6V0DS00)
Date Published February 2003 CP(K)
The mark
shows major revised points.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn