Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS7342L-1A Datasheet(PDF) 6 Page - California Eastern Labs

Part No. PS7342L-1A
Description  solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

PS7342L-1A Datasheet(HTML) 6 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS7342-1A,PS7342L-1A
TYPICAL CHARACTERISTICS (TA = 25 C, unless otherwise specified)
100
85
75
50
25
0
–25
20
60
80
100
40
0
Ambient Temperature TA (
˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
LORD CURRENT vs. LORD VOLTAGE
Load Voltage VL (V)
IF = 10 mA
–1.5
–0.5
0
1.5
1.0
–1.0
0.5
–100
–300
100
300
–200
200
Ambient Temperature TA (
˚C)
MAXIMUM LORD CURRENT vs.
AMBIENT TEMPERATURE
Applied Voltage VD (V)
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
100
0
–25
25
50
75
1.0
1.4
1.6
1.8
1.2
0.8
Ambient Temperature TA (
˚C)
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
20
40
60
80
100
120
250
0
150
100
50
200
Applied Voltage VD (V)
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
f = 1 MHz
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
100
85
75
0
–25
50
25
200
300
100
0
500
100
0
200
300
400
10
–7
10
–6
10
–5
10
–8
10
–9
25
˚C
TA = 85
˚C
Data Sheet PN10309EJ01V1DS
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn