Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS7342L-1A Datasheet(PDF) 5 Page - California Eastern Labs

Part No. PS7342L-1A
Description  solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

PS7342L-1A Datasheet(HTML) 5 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PS7342-1A,PS7342L-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25 C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
A
MOS FET
Off-state Leakage Current
ILoff
VD = 400 V
0.03
1.0
A
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
225
pF
Coupled
LED On-state Current
IFon
IL = 200 mA
2.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
6
10
Ron2
IF = 10 mA, IL = 200 mA, t
10 ms
Turn-on Time
*1
ton
IF = 10 mA, VO = 5 V, RL = 500
,
1.2
2.5
ms
Turn-off Time
*1
toff
PW
10 ms
0.06
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
1.1
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input
Data Sheet PN10309EJ01V1DS
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn