Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS7342L-1A Datasheet(PDF) 4 Page - California Eastern Labs

Part No. PS7342L-1A
Description  solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

PS7342L-1A Datasheet(HTML) 4 Page - California Eastern Labs

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PS7342-1A,PS7342L-1A
ABSOLUTE MAXIMUM RATINGS (TA = 25 C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
400
V
Continuous
Connection A
IL
200
mA
Load Current
*2
Connection B
250
ConnectionC
400
Pulse Load Current
*3
(AC/DC Connection)
ILP
400
mA
Power Dissipation
PD
560
mW
Isolation Voltage
*4
BV
3 750
Vr.m.s.
Total Power Dissipation
PT
610
mW
Operating Ambient Temperature
TA
40 to +85
C
Storage Temperature
Tstg
40 to +125
C
*1 PW = 100 s, Duty Cycle = 1 %
*2 Conditions: IF
2 mA. The following types of load connections are available.
Connection A
VL (AC/DC)
1
6
25
4
3
IL
L
Connection B
Connection C
1
6
2
5
4
3
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
L
VL (DC)
+
IL + IL
*3 PW = 100 ms, 1 shot
*4 AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output
Data Sheet PN10309EJ01V1DS
4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn