Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1104 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK1104
Description  Silicon N-Channel Junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK1104 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK1104 Datasheet HTML 1Page - Panasonic Semiconductor 2SK1104 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Silicon Junction FETs (Small Signal)
PD  Ta
ID  VDS
ID  VGS
| Yfs |  VGS
| Yfs |  ID
Ciss, Coss, Crss  VDS
2SK1104
0
160
40
120
80
140
20
100
60
0
400
300
100
250
350
200
50
150
Ambient temperature Ta (˚C)
06
5
4
13
2
0
2.5
2.0
1.5
1.0
0.5
Ta=25˚C
V
GS=0V
– 0.2V
– 0.4V
– 0.3V
– 0.1V
Drain to source voltage V
DS
(V)
–1.2
0
– 0.2
– 0.4
–1.0
– 0.6
– 0.8
0
2.5
2.0
1.5
1.0
0.5
Ta=–25˚C
25˚C
75˚C
Gate to source voltage V
GS
(V)
–1.6
0
–1.2
– 0.4
– 0.8
0
5
4
3
2
1
V
DS=10V
Ta=25˚C
I
DSS=10mA
Gate to source voltage V
GS
(V)
08
26
47
15
3
0
2.5
2.0
1.5
1.0
0.5
I
DSS=10mA
V
DS=10V
Ta=25˚C
Drain current I
D
(mA)
1
3
10
30
100
0
10
8
6
4
2
V
GS=0
f=1MHz
Ta=25˚C
C
iss
C
oss
C
rss
Drain to source voltage V
DS
(V)


Similar Part No. - 2SK1104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK1101 ETC-2SK1101 Datasheet
168Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1101 ISC-2SK1101 Datasheet
270Kb / 2P
   Isc N-Channel MOSFETransistor
logo
Fuji Electric
2SK1101-01MR FUJI-2SK1101-01MR Datasheet
136Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1101MR ETC-2SK1101MR Datasheet
168Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK1101MR ETC-2SK1101MR Datasheet
169Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
More results

Similar Description - 2SK1104

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com