Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUB65P06-20 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # SUB65P06-20
Description  P-Channel Enhancement-Mode Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SUB65P06-20 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  SUB65P06-20 Datasheet HTML 1Page - TEMIC Semiconductors SUB65P06-20 Datasheet HTML 2Page - TEMIC Semiconductors SUB65P06-20 Datasheet HTML 3Page - TEMIC Semiconductors SUB65P06-20 Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUP/SUB65P06-20
Siliconix
P-39628—Rev. A, 28-Dec-94
1
P-Channel Enhancement-Mode Transistors
Product Summary
V(BR)DSS (V)
rDS(on) (W)
ID (A)
–60
0.020
–65a
SUP65P0620
SUB65P0620
DRAIN connected to TAB
S
G
D
P Channel MOSFET
TO 220AB
Top View
GD S
TO 263
S
G
Top View
D
Absolute Maximum Ratings (TC = 25
_C Unless Otherwise Noted)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current
(T
175
_C)
TC = 25_C
ID
–65a
(TJ = 175_C)
TC = 125_C
ID
–39
A
Pulsed Drain Current
IDM
–200
A
Avalanche Current
IAR
–60
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
180
mJ
Power Dissipation
TC = 25_C (TO-220AB and TO-263)
PD
187d
W
Power Dissipation
TA = 125_C (TO-263)c
PD
3.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Unit
Junction to Ambient
PCB Mount (TO-263)c
RthJA
40
Junction-to-Ambient
Free Air (TO-220AB)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
0.8
Notes:
a.
Package limited.
b.
Duty cycle
v 1%.
c.
When mounted on 1” square PCB (FR-4 material).
d.
See SOA curve for voltage derating.
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70289.
A SPICE Model data sheet is available for this product (FaxBack document #70543).


Similar Part No. - SUB65P06-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB65P06-20 VISHAY-SUB65P06-20 Datasheet
55Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 10-Dec-01
logo
Inchange Semiconductor ...
SUB65P06-20 ISC-SUB65P06-20 Datasheet
373Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - SUB65P06-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VP0300B VISHAY-VP0300B Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
logo
New Jersey Semi-Conduct...
VP0808B NJSEMI-VP0808B Datasheet
93Kb / 2P
   P-Channel Enhancement-Mode MOSFET Transistors
logo
List of Unclassifed Man...
VP0808B ETC2-VP0808B Datasheet
91Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
New Jersey Semi-Conduct...
RFM5P12 NJSEMI-RFM5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
List of Unclassifed Man...
RFM6P08 ETC-RFM6P08 Datasheet
445Kb / 8P
   P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
logo
GE Solid State
RFM10P12 GESS-RFM10P12 Datasheet
242Kb / 4P
   P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
logo
New Jersey Semi-Conduct...
RFP5P12 NJSEMI-RFP5P12 Datasheet
88Kb / 2P
   P-Channel Enhancement-Mode Power Field-Effect Transistors
logo
Mospec Semiconductor
RFM5P12 MOSPEC-RFM5P12 Datasheet
238Kb / 4P
   P - CHANNEL ENHANCEMENT - MODE POWER FIELD - EFFECT TRANSISTORS
logo
NXP Semiconductors
BSP304 PHILIPS-BSP304 Datasheet
75Kb / 9P
   P-channel enhancement mode vertical D-MOS transistors
1995 Apr 07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com