Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110P04-04L Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUM110P04-04L
Description  P-Channel 40-V (D-S) 175-LC MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110P04-04L Datasheet(HTML) 4 Page - Vishay Siliconix

  SUM110P04-04L Datasheet HTML 1Page - Vishay Siliconix SUM110P04-04L Datasheet HTML 2Page - Vishay Siliconix SUM110P04-04L Datasheet HTML 3Page - Vishay Siliconix SUM110P04-04L Datasheet HTML 4Page - Vishay Siliconix SUM110P04-04L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUM110P04-04L
Vishay Siliconix
www.vishay.com
4
Document Number: 72437
S-40840—Rev. B, 03-May-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.3
0.6
0.9
1.2
0.5
0.8
1.1
1.4
1.7
2.0
−50 −25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ − Junction Temperature (_C)
VSD − Source-to-Drain Voltage (V)
100
10
1
VGS = 10 V
ID = 30 A
Drain Source Breakdown vs.
Junction Temperature
Avalanche Current vs. Time
38
40
42
44
46
48
−50 −25
0
25
50
75
100 125 150 175
TJ − Junction Temperature (_C)
tin (Sec)
1000
10
0.0001
0.01
1
10
100
0.1
0.001
IAV (A) @ TA = 25_C
IAV (A) @ TA = 150_C
1
0.1
ID = 250 mA
TJ = 25_C
TJ = 150_C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SUD50P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
73224N- and P-Channel 40-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI2319DSP-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn