Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM110P04-04L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUM110P04-04L
Description  P-Channel 40-V (D-S) 175-LC MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUM110P04-04L Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUM110P04-04L
Vishay Siliconix
Document Number: 72437
S-40840—Rev. B, 03-May-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
40
80
120
160
200
240
0
153045
607590
0
4
8
12
16
20
0
50
100 150 200 250 300 350 400 450
0.000
0.002
0.004
0.006
0.008
0.010
0
20
40
60
80
100
120
0
2000
4000
6000
8000
10000
12000
14000
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
175
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
40
80
120
160
200
240
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
25_C
−55_C
TC = 125_C
VDS = 20 V
ID = 110 A
VGS = 10 thru 5 V
VGS = 10 V
VGS = 4.5 V
Ciss
Coss
Crss
125_C
3 V
4 V
TC = −55_C
25_C


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SUD50P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
73224N- and P-Channel 40-V D-S MOSFET 1 2 3 4 5 MoreVishay Siliconix
SI2319DSP-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn