Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SC4905A Datasheet(PDF) 2 Page - Semtech Corporation

Part No. SC4905A
Description  HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905A Datasheet(HTML) 2 Page - Semtech Corporation

  SC4905A Datasheet HTML 1Page - Semtech Corporation SC4905A Datasheet HTML 2Page - Semtech Corporation SC4905A Datasheet HTML 3Page - Semtech Corporation SC4905A Datasheet HTML 4Page - Semtech Corporation SC4905A Datasheet HTML 5Page - Semtech Corporation SC4905A Datasheet HTML 6Page - Semtech Corporation SC4905A Datasheet HTML 7Page - Semtech Corporation SC4905A Datasheet HTML 8Page - Semtech Corporation SC4905A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SC4905A/B
POWER MANAGEMENT
PRELIMINARY
 2002 Semtech Corp.
www.semtech.com
2
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mti
n
U
n
o
it
c
e
S
t
n
e
r
u
C
y
l
p
p
u
S
t
n
e
r
r
u
C
p
u
tr
a
t
SV
D
D
D
D
V
,
1
-
tr
a
t
S
O
L
V
U
=
ff
O
r
o
t
a
r
a
p
m
o
C
0
0
1A
µ
I
D
D
e
v
it
c
AV
D
D
r
o
t
a
ll
i
c
s
O
,
n
O
r
o
t
a
r
a
p
m
o
C
=
g
n
i
n
n
u
R
4A
m
t
u
o
k
c
o
L
e
g
a
tl
o
V
r
e
d
n
U
e
n
i
L
d
l
o
h
s
e
r
h
T
tr
a
t
SV
t
a
d
e
r
u
s
a
e
m
e
g
a
tl
o
V
F
F
n
i
p%
3
-/
+
V
2
.
1V
s
i
s
e
r
e
t
s
y
H
0
0
1V
m
I
B
I
)
F
F
V
(V
F
F
%
3
-/
+
V
2
.
1
=0
0
1
-0
0
1A
n
n
o
it
c
e
S
r
o
t
a
ll
i
c
s
O
y
c
n
e
u
q
e
r
F
m
u
m
i
x
a
MV
F
F
V
8
.
4
o
t
V
2
.
1
=8
.
00
.
12
.
1z
H
M
e
g
a
tl
o
V
k
a
e
P
T
CV
F
F
V
2
.
1
=2
.
1V
V
F
F
V
6
.
3
=6
.
3V
e
g
a
tl
o
V
y
e
ll
a
V
T
C
0
0
2V
m
K
C
O
L
C
/
c
n
y
S
d
l
o
h
s
e
r
h
T
C
N
Y
S
k
c
o
l
C
V
*
5
.
F
F
V
e
m
i
T
t
c
e
t
e
D
t
u
p
n
I
c
n
y
SF
C
N
Y
S
c
s
o
F
>0
5S
n
e
m
i
T
e
s
n
o
p
s
e
R
t
u
p
t
u
O
c
n
y
SF
C
N
Y
S
c
s
o
F
<D
B
TS
µ
Unless otherwise specified, V
DD = 12V, VIN = 48V, ROSC = 499k, COSC = 220pF, RT = 280k, RM = 2k, RB = 8.25k, CVDD = 0.1uF, and no load on the outputs.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
8
1V
)
M
I
L
I
,
C
R
(
e
g
a
tl
o
V
t
u
p
n
I
3
.
0
+
F
E
R
VV
)
F
F
V
(
e
g
a
tl
o
V
t
u
p
n
I
6V
)
F
F
V
(
t
n
e
r
r
u
C
t
u
p
n
I
2A
m
)
B
F
(
e
g
a
tl
o
V
t
u
p
n
I
7
.
0
+
F
E
R
VV
C
D
)
F
E
R
(
t
n
e
r
r
u
C
t
u
p
t
u
O
5A
m
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
0
8
1W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
5
5
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°
Exceedingthespecificationsbelowmayresult inpermanent damagetothedevice, or devicemalfunction. Operationoutsideof theparametersspecifiedinthe
Electrical Characteristics section is not implied.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn