Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD2083CZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SLD2083CZ
Description  10 Watt high performance LDMOS transistor designed for operation to 2700MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLD2083CZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SLD2083CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers SLD2083CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
5
EDS-103754 Rev D
Preliminary
SLD2083CZ 10 Watt LDMOS FET
Package Outline Drawings
Recommended Landing Pads for the RF083 Package
All Dimensions are in inches
Part Number Ordering Information
Part Number
Devices Per Reel
Reel Size
SLD2083CZ
500
7’’
TOP VIEW
SIDE VIEW
END VIEW
0.290
0.160
0.160
0.090
0.160
0.140
0.008
DETAIL A
0.200
0.100
0.050
DETAIL A
0.000±0.002
R0.015
Lead Coplanarity
Lead foot to backside
0.000 ± 0.002
Chamferred Lead
is FET Drain


Similar Part No. - SLD2083CZ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD231VL SONY-SLD231VL Datasheet
70Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
SLD233VL SONY-SLD233VL Datasheet
47Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
SLD234VL SONY-SLD234VL Datasheet
51Kb / 3P
   Index-Guided High Power AlGaAs Laser Diode
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
   High Power Laser Diode that Achieves High-Speed CD-R Recording
logo
Sony Corporation
SLD235VL SONY-SLD235VL Datasheet
45Kb / 4P
   Index-Guided High Power AlGaAs Laser Diode
More results

Similar Description - SLD2083CZ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-MA-W0-00 SEOUL-SZ5-MA-W0-00 Datasheet
947Kb / 23P
   Designed for high current operation
logo
Guangdong Youtai Semico...
SN74AUP1G126 UMW-SN74AUP1G126 Datasheet
587Kb / 10P
   Designed for 0.8V to 3.6V VCC Operation
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04_V01 Datasheet
824Kb / 9P
   Designed for 1.65V to 5.5V V CC Operation
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com