Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V1054A Datasheet(PDF) 39 Page - Integrated Device Technology

Part # IDT82V1054A
Description  QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V1054A Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button IDT82V1054A Datasheet HTML 34Page - Integrated Device Technology IDT82V1054A Datasheet HTML 35Page - Integrated Device Technology IDT82V1054A Datasheet HTML 36Page - Integrated Device Technology IDT82V1054A Datasheet HTML 37Page - Integrated Device Technology IDT82V1054A Datasheet HTML 38Page - Integrated Device Technology IDT82V1054A Datasheet HTML 39Page - Integrated Device Technology IDT82V1054A Datasheet HTML 40Page - Integrated Device Technology IDT82V1054A Datasheet HTML 41Page - Integrated Device Technology IDT82V1054A Datasheet HTML 42Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39
IDT82V1054A QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
INDUSTRIAL TEMPERATURE
8.3
PCM INTERFACE TIMING
Figure - 9 Transmit and Receive Timing
Figure - 10 Typical Frame Sync Timing (2 MHz Operation)
Symbol
Description
Min.
Typ.
Max.
Units
Test Conditions
t21
Data enable delay time
5
70
ns
t22
Data delay time from BCLK
5
70
ns
t23
Data float delay time
5
70
ns
t24
Frame sync setup time
25
t4
− 50
ns
t25
Frame sync hold time
50
ns
t26
TSX1 or TSX2 enable delay time
5
80
ns
t27
TSX1 or TSX2 disable delay time
5
80
ns
t28
Receive data setup time
25
ns
t29
Receive data hold time
5
ns
1234
56781
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT
1
BIT
2
BIT
3
BIT
4
BIT
5
BIT
6
BIT
7
BIT
8
BCLK
FS
DX1/
DX2
DR1/
DR2
t25
t24
Time Slot
t23
t22
t21
t28
t29
TSX1 /
TSX2
t26
t27
Note: This timing diagram only applies to the situation of receiving data on falling edges and transmitting data on rising edges.
27
28
29
30
31
01234
56789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
X0
X1
X2
X3
R0
R1
R2
R3
Time Slot
FS
DX1/DX2
DR1/DR2
TSX1 / TSX2


Similar Part No. - IDT82V1054A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068PF IDT-IDT82V1068PF Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1074 IDT-IDT82V1074 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
IDT82V1074PF IDT-IDT82V1074PF Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
More results

Similar Description - IDT82V1054A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com