Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V1054A Datasheet(PDF) 35 Page - Integrated Device Technology

Part # IDT82V1054A
Description  QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V1054A Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button IDT82V1054A Datasheet HTML 31Page - Integrated Device Technology IDT82V1054A Datasheet HTML 32Page - Integrated Device Technology IDT82V1054A Datasheet HTML 33Page - Integrated Device Technology IDT82V1054A Datasheet HTML 34Page - Integrated Device Technology IDT82V1054A Datasheet HTML 35Page - Integrated Device Technology IDT82V1054A Datasheet HTML 36Page - Integrated Device Technology IDT82V1054A Datasheet HTML 37Page - Integrated Device Technology IDT82V1054A Datasheet HTML 38Page - Integrated Device Technology IDT82V1054A Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35
IDT82V1054A QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
INDUSTRIAL TEMPERATURE
7.4
GROUP DELAY
7.5
DISTORTION
Parameter
Description
Min.
Typ.
Max.
Units
Test Conditions
DXR
Transmit delay, relative to 1800 Hz
f = 500 to 600 Hz
f = 600 to 1000 Hz
f = 1000 to 2600 Hz
f = 2600 to 2800 Hz
280
150
80
280
µs
µs
µs
µs
DRR
Receive delay, relative to 1800 Hz
f = 500 to 600 Hz
f = 600 to 1000 Hz
f = 1000 to 2600 Hz
f = 2600 to 2800 Hz
50
80
120
150
µs
µs
µs
µs
Parameter
Description
Min.
Typ.
Max.
Units
Test Conditions
STDX
Transmit signal to total distortion ratio
A-law:
input level = 0 dBm0
input level =
−30 dBm0
input level =
−40 dBm0
input level =
−45 dBm0
µ-law:
input level = 0 dBm0
input level =
−30 dBm0
input level =
−40 dBm0
input level =
−45 dBm0
36
36
30
24
36
36
31
27
dB
dB
dB
dB
dB
dB
dB
dB
ITU-T O.132
Sine wave method, psophometrically weighted
for A-law and C-message weighted for µ-law.
STDR
Receive signal to total distortion ratio
A-law:
input level = 0 dBm0
input level =
−30 dBm0
input level =
−40 dBm0
input level =
−45 dBm0
µ-law:
input level = 0 dBm0
input level =
−30 dBm0
input level =
−40 dBm0
input level =
−45 dBm0
36
36
30
24
36
36
31
27
dB
dB
dB
dB
dB
dB
dB
dB
ITU-T O.132
Sine wave method, psophometrically weighted
for A-law and C-message weighted for µ-law.
SFDX
Single frequency distortion, transmit
−42
dBm0
200 to 3400 Hz, 0 dBm0 input, output any other
single frequency
≤ 3400 Hz
SFDR
Single frequency distortion, receive
−42
dBm0
200 to 3400 Hz, 0 dBm0 input, output any other
single frequency
≤ 3400 Hz
IMD
Intermodulation distortion
−42
dBm0
Transmit or receive, two frequencies in the range
of 300 to 3400 Hz at
−6 dBm0


Similar Part No. - IDT82V1054A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068PF IDT-IDT82V1068PF Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1074 IDT-IDT82V1074 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
IDT82V1074PF IDT-IDT82V1074PF Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
More results

Similar Description - IDT82V1054A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com