Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSY39V800454EEK Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SSY39V800454EEK
Description  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSY39V800454EEK Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SSY39V800454EEK Datasheet HTML 3Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 4Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 5Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 6Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 7Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 8Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 9Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 10Page - Silicon Storage Technology, Inc SSY39V800454EEK Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
7
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1-A0
Address Inputs
To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the
sector. During Block-Erase AMS-A15 address lines will select the block.
DQ15-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage:
3.0-3.6V for SST39LF200A/400A/800A
2.7-3.6V for SST39VF200A/400A/800A
VSS
Ground
NC
No Connection
Unconnected pins.
T2.2 360
1. AMS = Most significant address
AMS = A16 for SST39LF/VF200A, A17 for SST39LF/VF400A, and A18 for SST39LF/VF800A
TABLE
3: OPERATION MODES SELECTION
Mode
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Program
VIL
VIH
VIL
DIN
AIN
Erase
VIL
VIH
VIL
X1
1. X can be VIL or VIH, but no other value.
Sector or Block address,
XXH for Chip-Erase
Standby
VIH
XX
High Z
X
Write Inhibit
X
VIL
XHigh Z/ DOUT
X
XX
VIH
High Z/ DOUT
X
Product Identification
Software Mode
VIL
VIL
VIH
See Table 4
T3.4 360


Similar Part No. - SSY39V800454EEK

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSY COOPER-SSY Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
DOMINANT Semiconductors
SSY-CLD-J1 DOMINANT-SSY-CLD-J1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-J2 DOMINANT-SSY-CLD-J2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-JK2-1-I2 DOMINANT-SSY-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSY-CLD-JK2-I2 DOMINANT-SSY-CLD-JK2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
More results

Similar Description - SSY39V800454EEK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com