Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9171 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX9171
Description  SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9171 Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Single/Dual LVDS Line Receivers with
“In-Path” Fail-Safe
_______________________________________________________________________________________
3
Note 1: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to GND
except VTH, VTL, and VID.
Note 2: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = -40°C to +85°C, as specified.
Note 3: Short only one output at a time. Do not exceed the absolute maximum junction temperature specification.
Note 4: AC parameters are guaranteed by design and not production tested.
Note 5: CL includes scope probe and test jig capacitance.
Note 6: Pulse generator output conditions: tR = tF < 1ns (0% to 100%), frequency = 250MHz, 50% duty cycle, VOH = 1.3V, VOL = 1.1V.
Note 7: tSKD1 is the magnitude of the difference of differential propagation delays in a channel. tSKD1 = |tPHLD - tPLHD|.
Note 8: tSKD2 is the magnitude of the difference of the tPLHD or tPHLD of one channel and the tPLHD or tPHLD of the other channel
on the same part.
Note 9: tSKD3 is the magnitude of the difference of any differential propagation delays between parts at the same VCC and within
5°C of each other.
Note 10: tSKD4 is the magnitude of the difference of any differential propagation delays between parts operating over the rated
supply and temperature ranges.
SWITCHING CHARACTERISTICS
(VCC = 3.0V to 3.6V, CL = 15pF, |VID| = 0.2V, VCM = 1.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC =
3.3V, TA = +25°C.) (Notes 4, 5, 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Propagation Delay
High to Low
tPHLD
Figures 2, 3
1.0
1.65
2.5
ns
Differential Propagation Delay
Low to High
tPLHD
Figures 2, 3
1.0
1.62
2.5
ns
Differential Pulse Skew
|tPHLD - tPLHD|
tSKD1
Figures 2, 3 (Note 7)
30
400
ps
Differential Channel-to-Channel
Skew (MAX9172)
tSKD2
Figures 2, 3 (Note 8)
40
500
ps
tSKD3
Figures 2, 3 (Note 9)
1
Differential Part-to-Part Skew
tSKD4
Figures 2, 3 (Note 10)
1.5
ns
Rise Time
tTLH
Figures 2, 3
0.55
0.8
ns
Fall Time
tTHL
Figures 2, 3
0.51
0.8
ps
Maximum Operating Frequency
fMAX
All channels switching, VOL(MAX) = 0.4V,
VOH(MIN) = 2.7V, 40% < duty cycle < 60%
250
300
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn