Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP50-1310-60R/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part No. MSP50-1310-60R/Q
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP50-1310-60R/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSP50-1310-60R/Q Datasheet HTML 1Page - M-System Co.,Ltd. MSP50-1310-60R/Q Datasheet HTML 2Page - M-System Co.,Ltd. MSP50-1310-60R/Q Datasheet HTML 3Page - M-System Co.,Ltd. MSP50-1310-60R/Q Datasheet HTML 4Page - M-System Co.,Ltd. MSP50-1310-60R/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MSP50
MSP50 SPECIFICATIONS
ES-4884 Rev.0 Page 1/5
http://www.m-system.co.jp/
Final Control Elements
MINI-TOP ELECTRONIC ACTUATOR
(Linear type with Auto-setup function; Modbus)
Functions & Features
• Auto set-up
• 1/1000 high resolution
• Operational status logging
• Seal-springs for both the extending and retracting
directions of the output stem
Typical Applications
• Actuator for automatic control valve in pilot plants
• Air-conditioning in buildings or plants
• Micro-flow control for pharmaceutical injection
• For small-size control valves
MODEL: MSP50–[1][2][3]0–[4]0R[5]
ORDERING INFORMATION
• Code number: MSP50-[1][2][3]0-[4]0R[5]
Specify a code from below for each [1] through [5].
(e.g. MSP50-3710-A0R/Q)
• Specify the specification for option code /Q
(e.g. /C03/SET)
■ STANDARD EX-FACTORY SETTINGS
(Field-configurable via Modbus or PU-2)
Parameter item
Setting value
Action
Reverse
Input signal
4 - 20 mA DC
Output signal
4 - 20 mA DC
Action control
Output stem goes UP
with 20 mA DC input
Operation at
abnormally low input
Stop
Deadband
0.3 %
Restart limiting timer
1.5 sec.
[1] STROKE
1: 5 to 10 mm (.20” to .39”)
3: 10 to 20 mm (.39” to .79”)
[2] OPERATION TIME, THRUST
3: 5 sec. / 10 mm, 150 N
4: 9 sec. / 10 mm, 300 N
7: 18 sec. / 10 mm, 700 N
[3] OUTPUT STEM TYPE
6: M6 female thread, 0.75 pitch
8: M8 female thread, 1.0 pitch
1: M10 female thread, 1.25 pitch
D: M6 female thread, 1.0 pitch
E: M8 female thread, 1.25 pitch
F: M10 female thread, 1.5 pitch
SEQUENTIAL CONTROL SIGNALS
0: Without
[4] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 200 kΩ min.)
CE MARKING
0: Without
POWER SUPPLY VOLTAGE
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-4883)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Operation at abnormally low input: Extend (DOWN), Retract
(UP), or Stop; selectable with DIP switches
Wiring conduit: 4-G 1/2
Terminal block: 7.62 mm pitch; M3 screw terminals (torque
0.5 N·m)


Similar Part No. - MSP50-1310-60R/Q

ManufacturerPart No.DatasheetDescription
PMC-Sierra, Inc
PMC-Sierra, Inc
MSP5000 PMC-MSP5000 Datasheet
47Kb / 2P
   MSP for Multi-Service Platforms and Intelligent IADs
Vishay Siliconix
Vishay Siliconix
MSP50A VISHAY-MSP50A Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
MSP50A VISHAY-MSP50A Datasheet
788Kb / 5P
   Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
MSP50A-E3 VISHAY-MSP50A-E3 Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
MSP50A-E389A VISHAY-MSP50A-E389A Datasheet
116Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
More results

Similar Description - MSP50-1310-60R/Q

ManufacturerPart No.DatasheetDescription
M-System Co.,Ltd.
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5C2 MSYSTEM-MSP5C2 Datasheet
183Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1G MSYSTEM-PSN1G Datasheet
160Kb / 6P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz