Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3508M04-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE3508M04-A
Description  HETERO JUNCTION FIELD EFFECT TRANSISITOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3508M04-A Datasheet(HTML) 2 Page - California Eastern Labs

  NE3508M04-A Datasheet HTML 1Page - California Eastern Labs NE3508M04-A Datasheet HTML 2Page - California Eastern Labs NE3508M04-A Datasheet HTML 3Page - California Eastern Labs NE3508M04-A Datasheet HTML 4Page - California Eastern Labs NE3508M04-A Datasheet HTML 5Page - California Eastern Labs NE3508M04-A Datasheet HTML 6Page - California Eastern Labs NE3508M04-A Datasheet HTML 7Page - California Eastern Labs NE3508M04-A Datasheet HTML 8Page - California Eastern Labs NE3508M04-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NE3508M04
RECOMMENDED OPERATING CONDITIONS(TA = +25
°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Drain to Source Voltage
VDS
---
2
3
V
I
t
n
e
r
r
u
C
n
i
a
r
D
D
---
10
30
mA
m
B
d
0
-
-
-
-
-
-
n
i
P
r
e
w
o
P
t
u
p
n
I
ELECTRICAL CHARACTERISTICS TA = +25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gate to Source Leak Current
IGSO
VGS=-3V
---
1
20
µA
Saturated Drain Current
IDSS
VDS=2V, VGS=0V
60
90
120
mA
Gate to Source Cutoff Voltage
VGS(off)
VDS=2V, ID=100
µA
-0.35
-0.5
-0.65
V
Trans conductance
gm
VDS=2V, ID=10mA
100
---
---
mS
-
-
-
F
N
e
r
u
g
i
F
e
s
i
o
N
0.45
0.9
dB
a
G
n
i
a
G
d
e
t
a
i
c
o
s
s
A
VDS=2V, ID=10mA
f 2GHz
12
14
---
dB
Output Power at 1dB Gain
Compression Point
Po(1dB)
VDS=3V,
ID=30mA(Non-RF)
f 2GHz
---
18
---
dBm
The information in this document is subject to change without notice.
PRELIMINARY PRODUCT INFORMATION


Similar Part No. - NE3508M04-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3508M04-T2 RENESAS-NE3508M04-T2 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04-T2B RENESAS-NE3508M04-T2B Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3508M04-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3505M04 CEL-NE3505M04 Datasheet
335Kb / 20P
   HETERO JUNCTION FIELD EFFECT TRANSISITOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com