Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-1154YD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L-1154YD
Description  T-1 (3mm) SOLID STATE LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-1154YD Datasheet(HTML) 1 Page - Kingbright Corporation

  L-1154YD Datasheet HTML 1Page - Kingbright Corporation L-1154YD Datasheet HTML 2Page - Kingbright Corporation L-1154YD Datasheet HTML 3Page - Kingbright Corporation L-1154YD Datasheet HTML 4Page - Kingbright Corporation L-1154YD Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: KDA0006
REV NO: V.1
DATE: SEP/30/2001
PAGE: 1 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: X.M.Zhou
Features
!
HIGH INTENSITY.
!
LOW POWER CONSUMPTION.
!
POPULAR T-1 DIAMETER PACKAGE.
!
GENERAL PURPOSE LEADS.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
!
AVAILABLE ON TAPE AND REEL.
L-1154Gx GREEN
L-1154Yx YELLOW
L-1154Ix HIGHEFFICIENCYRED
L-1154PGx PURE GREEN
L-1154Nx PURE ORANGE
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange Light
Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Pure Orange source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Pure Orange Light
Emitting Diode.
The Pure Green source color devices are made with Gallium
Phosphide Pure Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
T-1 (3mm) SOLID STATE LAMPS


Similar Part No. - L-1154YD

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-11500 RHOMBUS-IND-L-11500 Datasheet
26Kb / 1P
   Low Power Inductors
L-11501 RHOMBUS-IND-L-11501 Datasheet
26Kb / 1P
   Low Power Inductors
L-11502 RHOMBUS-IND-L-11502 Datasheet
26Kb / 1P
   Low Power Inductors
L-11503 RHOMBUS-IND-L-11503 Datasheet
26Kb / 1P
   Low Power Inductors
L-11504 RHOMBUS-IND-L-11504 Datasheet
26Kb / 1P
   Low Power Inductors
More results

Similar Description - L-1154YD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
   T-1 (3mm)SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com