Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-1154G Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L-1154G
Description  T-1 (3mm) SOLID STATE LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-1154G Datasheet(HTML) 3 Page - Kingbright Corporation

  L-1154G Datasheet HTML 1Page - Kingbright Corporation L-1154G Datasheet HTML 2Page - Kingbright Corporation L-1154G Datasheet HTML 3Page - Kingbright Corporation L-1154G Datasheet HTML 4Page - Kingbright Corporation L-1154G Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: KDA0006
REV NO: V.1
DATE: SEP/30/2001
PAGE: 3 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: X.M.Zhou
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
High Efficiency Red L-1154ID,L-1154IT
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Ye
g
n
a
r
O
e
r
u
Pe
g
n
a
r
O
e
r
u
P
e
g
n
a
r
O
e
r
u
P
e
g
n
a
r
O
e
r
u
Pe
g
n
a
r
O
e
r
u
Pn
e
e
r
G
e
r
u
Pn
e
e
r
G
e
r
u
P
n
e
e
r
G
e
r
u
P
n
e
e
r
G
e
r
u
Pn
e
e
r
G
e
r
u
Ps
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
15
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
20
30
35
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
15
4
15
3
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
55555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - L-1154G

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-11500 RHOMBUS-IND-L-11500 Datasheet
26Kb / 1P
   Low Power Inductors
L-11501 RHOMBUS-IND-L-11501 Datasheet
26Kb / 1P
   Low Power Inductors
L-11502 RHOMBUS-IND-L-11502 Datasheet
26Kb / 1P
   Low Power Inductors
L-11503 RHOMBUS-IND-L-11503 Datasheet
26Kb / 1P
   Low Power Inductors
L-11504 RHOMBUS-IND-L-11504 Datasheet
26Kb / 1P
   Low Power Inductors
More results

Similar Description - L-1154G

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
   T-1 (3mm)SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com