Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKT430-20 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKT430-20
Description  THYRISTOR / DIODE and THYRISTOR / THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT430-20 Datasheet(HTML) 8 Page - International Rectifier

  IRKT430-20 Datasheet HTML 1Page - International Rectifier IRKT430-20 Datasheet HTML 2Page - International Rectifier IRKT430-20 Datasheet HTML 3Page - International Rectifier IRKT430-20 Datasheet HTML 4Page - International Rectifier IRKT430-20 Datasheet HTML 5Page - International Rectifier IRKT430-20 Datasheet HTML 6Page - International Rectifier IRKT430-20 Datasheet HTML 7Page - International Rectifier IRKT430-20 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRK.430.. Series
8
Bulletin I27400 rev. A 09/97
www.irf.com
Fig. 12 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
rated di/dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1)
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rectangular gate pulse
IRK.430.. Series
Frequency Limited by PG(AV)
(4)


Similar Part No. - IRKT430-20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT430-20 IRF-IRKT430-20 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
More results

Similar Description - IRKT430-20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com