Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6DR-8100 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6DR-8100
Description  DIP Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6DR-8100 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6DR-8100 Datasheet HTML 1Page - Omron Electronics LLC A6DR-8100 Datasheet HTML 2Page - Omron Electronics LLC A6DR-8100 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching capacity
100 mA, 5 VDC; 30 mA, 30 VDC
Permissible load
10
µA, 3.5 VDC min.
Carry current
100 mA max.
Contact resistance
100 M
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC for 1 minute
Operating force
A6D: 500 g max., A6DR: 500 g max.
Vibration
Malfunction durability
10 to 55 Hz, 1.5 mm double amplitude
Shock
Malfunction durability
Approx. 300 m/s2 (30 G)
Materials
Base/Cover
PBT (Polybutylene terephthalate)
Actuator
PPT (Polyphenylene terephthalate)
Internal seal
Acryl nitril butadiene rubber
Movable contact
Beryllium copper
Terminal
42-alloy plate (nickel-iron alloy)
Ambient temperature
Operating
-20
° to 70°C
Humidity
35% to 90% RH
Service life
Mechanical
5,000 operations min.
Electrical
2,000 operations min.
Weight
A6D (Top actuated)
2-pin: 0.25 g, 3-pin: 0.35 g, 4-pin: 0.45 g, 5-pin: 0.55 g, 6-pin: 0.65 g,
7-pin: 0.75 g, 8-pin: 0.80 g, 9-pin: 0.90 g, 10-pin: 1.0 g
A6DR (Side actuated)
2-pin: 0.4 g, 4-pin: 0.8 g, 6-pin: 1.2 g, 8-pin: 1.7 g, 10-pin: 2.2 g,
Ordering Information
Space-saving, Subminiature DIP Switch Offers
Both Sealed and Unsealed Construction
I Completely sealed units allow immersion-cleaning
without taping
I Designed to standards of DIL-IC; top actuated types
are auto insertable
I Bifurcated movable contacts
I Subminiature size to save space by reducing the
volume to 41% and mounting surface to 67% of
conventional type
I Smooth, sure switching action
DIP Switch
A6D/DR
Part number
Type
No. of poles
Top actuated
Raised actuator
Side actuated
Sealed
2
A6D-2100
A6D-2103
A6DR-2100
4
A6D-4100
A6D-4103
A6DR-4100
6
A6D-6100
A6D-6103
A6DR-6100
8
A6D-8100
A6D-8103
A6DR-8100
10
A6D-0100
A6D-0103
A6DR-0100
Note: Data shown are of initial value.
Specifications
I CHARACTERISTICS
Important note:
Switches cannot be water-washed.
197


Similar Part No. - A6DR-8100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6DR-8100 OMRON-A6DR-8100 Datasheet
568Kb / 4P
   DIP Switch
More results

Similar Description - A6DR-8100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
   DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
   DIP SWITCH
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
   DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
   DIP Switch
logo
DB Lectro Inc
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
   DIP SWITCH
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
   DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
   DIP SWITCH
11/23/2021
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
   DIP SWITCH
logo
Omron Electronics LLC
A6DR OMRON-A6DR Datasheet
568Kb / 4P
   DIP Switch
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
   DIP SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com