Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5701 Datasheet(PDF) 46 Page - Asahi Kasei Microsystems

Part # AK5701
Description  PLL & MIC-AMP 16-Bit Stereo ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701 Datasheet(HTML) 46 Page - Asahi Kasei Microsystems

Back Button AK5701 Datasheet HTML 42Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 43Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 44Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 45Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 46Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 47Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 48Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 49Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 50Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
ASAHI KASEI
[AK5701]
MS0404-J-00
2005/08
- 46 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
1DH
Mode Control 1
TE3
TE2
TE1
TE0
0
0
0
0
Default
1
0
1
0
0
0
0
0
TE3-0: EXT Master Mode Enable
“0101”を書き込むと1EHへの書き込みが有効になります。
EXT Master Mode以外のモードでは “1010”に設定して下さい。
“1010”, “0101”以外の設定にしないで下さい。
Default: “1010”
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
1EH
Mode Control 2
0
0
0
0
0
0
TMASTER
0
Default
0
0
0
0
0
0
0
0
TMASTER: EXT Master Mode
このビットへの書き込みはTE3-0 bits = “0101”のときのみ有効です。
0: Except EXT Master Mode (Default)
1: EXT Master Mode


Similar Part No. - AK5701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com