Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5701 Datasheet(PDF) 33 Page - Asahi Kasei Microsystems

Part # AK5701
Description  PLL & MIC-AMP 16-Bit Stereo ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701 Datasheet(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK5701 Datasheet HTML 29Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 30Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 31Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 32Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 33Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 34Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 35Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 36Page - Asahi Kasei Microsystems AK5701 Datasheet HTML 37Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
ASAHI KASEI
[AK5701]
MS0404-J-00
2005/08
- 33 -
ディジタルHPF
AK5701はDCオフセットキャンセル用のHPFを内蔵しています。HPFのカットオフ周波数はHPF1-0 bitsで選
択します。カットオフ周波数はサンプリング周波数(fs)に比例します。初期値は3.4Hz (@fs= 44.1kHz)です。
fc
HPF1 bit
HPF0 bit
fs=44.1kHz
fs=22.05kHz
fs=11.025kHz
0
0
3.4Hz
1.7Hz
0.85Hz
Default
0
1
6.8Hz
3.4Hz
1.7Hz
1
0
13.6Hz
6.8Hz
3.4Hz
1
1
N/A
N/A
N/A
Table 18. ディジタルHPFカットオフ周波数
マイク/ライン入力セレクタ
AK5701は入力セレクタを内蔵しています。MDIF1, MDIF2 bit = “0”のとき、INL, INR bitにより、LIN1/LIN2,
RIN1/RIN2をそれぞれ切り替えることができます。MDIF1, MDIF2 bit = “1”のとき、LIN1, RIN1, LIN2, RIN2 pin
はそれぞれLIN+, LIN
−, RIN−, RIN+ pinとなり、差動入力が可能です(Figure 37)。
MDIF1 bit
MDIF2 bit
INL bit
INR bit
Lch
Rch
0
LIN1
RIN1
Default
0
1
LIN1
RIN2
0
LIN2
RIN1
0
1
1
LIN2
RIN2
0
x
LIN1
RIN+/
0
1
1
x
N/A
N/A
0
N/A
N/A
0
x
1
LIN+/
RIN2
1
1
x
x
LIN+/
RIN+/
Table 19. MIC/Line In Path Select
LIN1/LIN+ pin
ADC Lch
RIN1/ LIN
− pin
INL bit
MDIF1 bit
RIN2/ RIN+ pin
ADC Rch
LIN2/ RIN
− pin
INR bit
MDIF2 bit
AK5701
Figure 36. マイク/ライン入力セレクタ


Similar Part No. - AK5701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
461Kb / 40P
   digital audio 16bit A/D converter
AK5701KN AKM-AK5701KN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
More results

Similar Description - AK5701

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com