Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH58NS100DC Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TH58NS100DC
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 - GBIT (128M X 8 BITS) CMOS NAND E2PROM ( 128M BYTE SmartMediaTM )
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TH58NS100DC Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TH58NS100DC Datasheet HTML 18Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 19Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 20Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 21Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 22Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 23Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 24Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 25Page - Toshiba Semiconductor TH58NS100DC Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
TH58NS100DC
2001-03-21
22/43
Table 3. Command table (HEX)
First Cycle
Second Cycle
Acceptable while Busy
Serial Data Input
80
¾
Read Mode (1)
00
¾
Read Mode (2)
01
¾
Read Mode (3)
50
¾
Reset
FF
¾
Q
Auto Program (True)
10
¾
Auto Program (Dummy)
11
¾
Auto Program
(Multi Block Program)
15
¾
Auto Block Erase
60
D0
Status Read (1)
70
¾
Q
Status Read (2)
71
¾
Q
ID Read (1)
90
¾
ID Read (2)
91
¾
Once the device has been set to Read mode by a 00H, 01H or 50H command, additional Read commands are
not needed for sequential page Read operations.
Table 4 shows the operation states for Read mode.
Table 4. Read mode operation states
CLE
ALE
CE
WE
RE
I/O1 to I/O8
Power
Output Select
L
L
L
H
L
Output
Active
Output Deselect
L
L
L
H
H
High impedance
Active
Standby
L
L
H
H
*
High impedance
Standby
H: VIH, L: VIL, *: VIH or VIL
0
0
0
0
0
0
0
I/O8 7
6
5
4
3
2 I/O1
Serial Data Input: 80H
(Example)
HEX data bit assignment
1


Similar Part No. - TH58NS100DC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TH58NVG0S3 STMICROELECTRONICS-TH58NVG0S3 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
TH58NVG1D4 STMICROELECTRONICS-TH58NVG1D4 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
TH58NVG1S3 STMICROELECTRONICS-TH58NVG1S3 Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Toshiba Semiconductor
TH58NVG1S3AFT TOSHIBA-TH58NVG1S3AFT Datasheet
368Kb / 32P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58NVG1S3AFT05 TOSHIBA-TH58NVG1S3AFT05 Datasheet
368Kb / 32P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TH58NS100DC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NS256DC TOSHIBA-TC58NS256DC Datasheet
709Kb / 33P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT (32M 짰8 BITS) CMOS NAND E2PROM (32M BYTE SmartMediaTM)
TC58NVG0S3AFT05 TOSHIBA-TC58NVG0S3AFT05 Datasheet
559Kb / 33P
   1 GBIT (128M 횞 8 BITS) CMOS NAND EEPROM
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
TC58NYG1S3EBAI5 TOSHIBA-TC58NYG1S3EBAI5 Datasheet
489Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 2 GBIT (256M 횞 8 BIT) CMOS NAND E2PROM
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com