Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC51WKM616AXBN75 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC51WKM616AXBN75
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 4,194,304-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC51WKM616AXBN75 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC51WKM616AXBN75 Datasheet HTML 1Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 2Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 3Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 4Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 5Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 6Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 7Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 8Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC51WKM616AXBN75
2002-08-22
3/11
ABSOLUTE MAXIMUM RATINGS (See Note 1)
SYMBOL
RATING
VALUE
UNIT
VDD
Power Supply Voltage
1.0 to 3.6
V
VDDQ
Output Buffer Power Supply Voltage
1.0 to VDD + 0.5 (3.6 V Max)
V
VIN
Input Voltage for Address and Control Pins
1.0 to 3.6
V
VI/O
Input/Output Voltage for I/O Pins
1.0 to VDDQ + 0.5
V
Topr.
Operating Temperature
25 to 85
°C
Tstrg.
Storage Temperature
55 to 150
°C
Tsolder
Soldering Temperature (10 s)
260
°C
PD
Power Dissipation
0.6
W
IOUT
Short Circuit Output Current
50
mA
DC RECOMMENDED OPERATING CONDITIONS (Ta
= −25°C to 85°C)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VDD
Power Supply Voltage
2.6
2.75
3.3
VDDQ
Output Buffer Power Supply Voltage
1.7
1.8
2.2
Input High Voltage for Address and Control Pins
1.6
VDD + 0.3*
VIH
Input High Voltage for I/O Pins
1.6
VDDQ + 0.3*
VIL
Input Low Voltage
0.3*
0.4
V
* : VIH(Max) VDD+1.0 V/ VDDQ+1.0 V with 10 ns pulse width
VIL(Min) -1.0 V with 10 ns pulse width
DC CHARACTERISTICS (Ta
= −25°C to 85°C, VDD = 2.6 to 3.3 V, VDDQ = 1.7 to 2.2 V)
(See Note 3 to 4)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN = 0 V to VDDQ
1.0
+1.0
µA
ILO
Output Leakage Current
Output disable, VOUT = 0 V to VDD
1.0
+1.0
µA
VOH
Output High Voltage
IOH = − 100 µA
VDDQ 0.2
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
IDDO1
Operating Current
CE1
= VIL
CE2
= VIH, IOUT = 0 mA
tRC = min
50
mA
IDDO2
Page Access Operating Current
CE1
= VIL, CE2 = VIH,
Page add. cycling, IOUT = 0 mA
tPC = min
25
mA
IDDS
Standby Current(MOS)
CE1
= VDD 0.2 V, CE2 = VDD 0.2 V
70
µA
IDDSD
Deep Power-down Standby Current
CE2
= 0.2 V
5
µA
CAPACITANCE (Ta
= 25°C, f = 1 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
10
pF
COUT
Output Capacitance
VOUT = GND
10
pF
Note: This parameter is sampled periodically and is not 100% tested.


Similar Part No. - TC51WKM616AXBN75

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
More results

Similar Description - TC51WKM616AXBN75

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC51WHM516AXGN65 TOSHIBA-TC51WHM516AXGN65 Datasheet
203Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS, 2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
   32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
logo
NEC
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com