Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY173M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # CNY173M
Description  Phototransistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY173M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  CNY173M Datasheet HTML 1Page - Fairchild Semiconductor CNY173M Datasheet HTML 2Page - Fairchild Semiconductor CNY173M Datasheet HTML 3Page - Fairchild Semiconductor CNY173M Datasheet HTML 4Page - Fairchild Semiconductor CNY173M Datasheet HTML 5Page - Fairchild Semiconductor CNY173M Datasheet HTML 6Page - Fairchild Semiconductor CNY173M Datasheet HTML 7Page - Fairchild Semiconductor CNY173M Datasheet HTML 8Page - Fairchild Semiconductor CNY173M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
www.fairchildsemi.com
CNY17X, CNY17FX, MOC810X Rev. 1.0.5
** All typicals at TA = 25°C
Notes:
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figures 20.
4, For this test, Pins 1 and 2 are common, and Pins 4 are 5 are common.
Transfer Characteristics (continued) (TA = 25°C Unless otherwise specified.)
(1)
AC Characteristics(3)
Test Conditions Symbol
Min
Typ
Max
Units
Saturated Switching Times
Turn-on Time
CNY171/F1
(IF = 20 mA, VCE = 0.4 V)
ton
——
5.5
µs
CNY172/F2
CNY173/F3
CNY174/F4
(IF = 10 mA, VCE = 0.4 V)
8.0
Rise Time
CNY171/F1
(IF = 20 mA, VCE = 0.4 V)
tr
——
4.0
µs
CNY172/F1
CNY173/F3
CNY174/F4
(IF = 10 mA, VCE = 0.4 V)
6.0
CNY171M/F1M
(IF = 20 mA, VCC = 5 V, RL = 1 KΩ)—
4.0
CNY172M/3M/4M
CNY17F2M/F3M/F4M
(IF = 10 mA, VCC = 5 V, RL = 1 KΩ)—
6.0
Delay Time
CNY171M/F1M
(IF = 20 mA, VCC = 5 V, RL =1 KΩ)
td
——
5.5
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
(IF = 10 mA, VCC = 5 V, RL =1 KΩ)—
8.0
Turn-off Time
CNY171/F1
(IF = 20 mA, VCE = 0.4 V)
toff
——
34
µs
CNY172/F2
CNY173/F3
CNY174/F4
(IF = 10 mA, VCE = 0.4 V)
39
Fall Time
CNY171/F1
(IF = 20 mA, VCE = 0.4 V)
tf
——
20
µs
CNY172/F2
CNY173/F3
CNY174/F4
(IF = 10 mA, VCE = 0.4 V)
24
CNY171M/F1M
(IF = 20 mA, VCC = 5V, RL = 1KΩ)—
20.0
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
(IF = 10 mA, VCC = 5V, RL = 1KΩ)—
24.0
Storage Time
CNY171M/F1M
(IF = 20 mA, VCC = 5V, RL = 1KΩ)
ts
——
34.0
µs
CNY172M/3M/4M
CNY17F2M/F3M/F4M
(IF = 10 mA, VCC = 5V, RL = 1KΩ)—
39.0


Similar Part No. - CNY173M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY173M FAIRCHILD-CNY173M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY173M FAIRCHILD-CNY173M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY173M FAIRCHILD-CNY173M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results

Similar Description - CNY173M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com