Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1077 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # T1077
Description  T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T1077 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  T1077 Datasheet HTML 1Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 2Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 3Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 4Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 5Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 6Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 7Page - List of Unclassifed Manufacturers T1077 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
T1/CEPT/ISDN-PRI TRANSFORMERS
Single Through Hole, 1500 Vrms
Extended and standard temperature range
Dual and single through hole models available
Models matched to leading transceiver ICs
Most models UL and BABT recognized
Isolation Voltage: 1500 Vrms MIN
Lead-Free versions available upon request
Electrical Specifications @ 25°C
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250
MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXX
Date Code
.350
MAX
8,89
.500
MAX
12,70
.400
10,16
2
1
65
4
1
65
3
1
5
26
3
1
5
26
3
4
1
5
26
4
13
2
24
5
Weight . . . . . . . . . 1.2 grams
Tube . . . . . . . . . . . . .60/tube
Mechanical
Schematics
(See Pages 6 and 7 for Table Notes)
Turns Ratio B
OCL @ 25°C
CW/W
LL
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
STANDARD TEMPERATURE RANGE SINGLE TRANSFORMERS – OPERATING TEMPERATURE 0°C TO +70°C
PE-64931 G
1:1:1 (1:2CS)
1.20
25
0.50
0.70
0.70 & 0.70
HC/2
1-2
PE-64933
1CT:3CT
1.20
30
0.50
0.70
1.60
HC/4
1-5
PE-64934
1:1
1.20
25
0.50
0.70
0.70
HC/1
1-2
PE-64936
1CT:1
1.20
25
0.80
0.70
0.70
HC/3
1-5
PE-64937
1:1.36
1.20
35
0.80
0.70
0.80
HC/1
5-6
PE-64940
1.26CS:1 (1:1:1.58)
0.30
30
0.60
0.80
0.60
HC/2
1-4
PE-64941 D
1CS:1
0.80
30
0.60
0.80
0.60
HC/2
1-4
PE-64942
1CS:1.31
0.80
30
0.40
0.80
0.60
HC/2
1-4
PE-64943 A
1CT:2CT
1.20
30
0.30-0.55
0.70
1.20
HC/4
1-5
PE-65351 G
1:2CT
1.20
40
0.50
0.70
1.30
HC/3
2-6
PE-65363
1:4CT
0.50
40
1.00
0.50
1.50
HC/5
1-5
PE-65379
1:1.14CT
1.20
35
0.80
0.70
0.80
HC/5
1-5
PE-65388
1:1.15CT
1.50
35
0.60
0.70
0.90
HC/3
2-6
PE-65389 E
1:1/1.26
1.50
40
0.40
0.70
0.90
HC/3
2-6
PE-65415
1CT:2CT
1.20
30
0.50
0.70
1.20
HC/4
1-5
PE-65558
1:2.3CT
1.20
35
0.80
0.70
1.40
HC/5
1-5
PE-65586
1:1.36CT
1.20
35
0.80
0.70
0.90
HC/5
1-5
PE-65755
1CT:1CT
1.20
25
0.80
0.80
0.80
HC/4
1-5
PE-68644
1CT:1
0.70
20
0.70
0.20
0.80
HC/3
1-5
PE-68645
1:1.36CT
0.70
20
0.70
0.50
0.40
HC/5
1-5
T1054
1:1.5CT
1.20
30
0.60
0.70
1.00
HC/3
2-6
T1249
1:1.26CT
1.20
60
0.80
0.90
1.00
HC/4
2-6
EXTENDED TEMPERATURE RANGE SINGLE TRANSFORMERS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-65340
1:1.36
1.20
35
0.80
0.90
1.20
HC/1
5-6
PE-65770
1:1.15CT
1.50
40
0.80
0.90
1.00
HC/3
2-6
PE-65771
1CT:2CT
1.20
50
0.60
1.00
2.00
HC/4
2-6
PE-65778
1CT:1CT
1.20
40
1.00
1.00
1.00
HC/4
1-5
PE-68600
1CT:3CT
1.20
60
0.80
0.90
2.70
HC/4
1-5
PE-68664 E
1:1/1.26
1.50
50
0.80
0.90
1.10
HC/3
2-6
TX1252
1CT:1
1.20
40
1.00
1.00
1.00
HC/3
1-5
4
HC
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
T608.R (11/04)


Similar Part No. - T1077

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1077 PULSE-T1077 Datasheet
291Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1077 PULSE-T1077 Datasheet
216Kb / 9P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1077 PULSE-T1077 Datasheet
154Kb / 8P
   TRANSFORMERS
T1077NL PULSE-T1077NL Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - T1077

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1144T PULSE-T1144T Datasheet
280Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
logo
Bel Fuse Inc.
S553-6500-10 BEL-S553-6500-10 Datasheet
794Kb / 28P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-03 BEL-S553-6500-03 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com