Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-541M4-BLK Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # ATF-541M4-BLK
Description  Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-541M4-BLK Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  ATF-541M4-BLK Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-541M4-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ATF-541M4 Typical Performance Curves, continued
Notes:
1. Input tuned for minimum NF and the output tuned for maximum OIP3
using an InterContinental Microwave (ICM) test fixture, double stub
tuners and bias tees.
2. Gamma out is the reflection coefficient of the matching circuit presented
to the output of the device.
Gamma[2]
Gamma[2]
OIP3
P1dB
Freq
Out_Mag.
Out_Mag.
(GHz)
(Mag)
(Degrees)
(dBm)
(dBm)
0.9
0.006
23
35.04
19.47
2.0
0.314
-167
35.82
21.36
3.9
0.321
134
36.60
20.37
5.8
0.027
89
37.62
19.38
ATF-541M4 Output Reflection Coefficient Parameters Tuned
for Maximum Output IP3[1]; VDS = 3V, IDS = 60 mA
Figure 12. Gain vs. Freq. and Temperature
Tuned for Max OIP3 and Min NF at
Vds = 3V, Ids = 60 mA
[1].
Figure 13. OIP3 vs. Freq. and Temperature
Tuned for Max OIP3 and Min NF at
Vds = 3V, Ids = 60 mA
[1].
Figure 14. NF vs. Freq. and Temperature
Tuned for Max OIP3 and Min NF at
Vds = 3V, Ids = 60 mA
[1].
FREQUENCY (GHz)
07
3
16
5
4
2
45
40
35
30
25
20
15
10
25
°C
-40
°C
85
°C
FREQUENCY (GHz)
07
3
16
5
4
2
2.0
1.5
1.0
0.5
0
25
°C
-40
°C
85
°C
FREQUENCY (GHz)
07
3
16
5
4
2
23
22
21
20
19
18
17
25
°C
-40
°C
85
°C
Figure 15. P1dB vs. Freq. and Temperature
Tuned for Max OIP3 and Min NF at
Vds = 3V, Ids = 60 mA
[1].
FREQUENCY (GHz)
07
3
16
5
4
2
30
25
20
15
10
5
0
25
°C
-40
°C
85
°C


Similar Part No. - ATF-541M4-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT
More results

Similar Description - ATF-541M4-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF-551M4 HP-ATF-551M4 Datasheet
198Kb / 24P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
   Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
   Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
   Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com