Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD2598 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD2598
Description  Silicon NPN epitaxial planer type darlington(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2598 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2598 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2598 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD2598
Silicon NPN epitaxial planer type
darlington
For low-frequency amplification
s Features
q
Forward current transfer ratio hFE is designed high, which is ap-
propriate to the driver circuit of motors and printer bammer: hFE
= 4000 to 20000.
q
A shunt resistor is omitted from the driver.
q
M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
MT2 Type Package
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*1
Tj
Tstg
Ratings
60
50
5
750
500
1
150
–55 ~ +150
Unit
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Symbol
ICBO
IEBO
VCBO
VCEO
VEBO
hFE
*1
VCE(sat)
VBE(sat)
fT
Conditions
VCB = 25V, IE = 0
VEB = 4V, IC = 0
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 10V, IC = 500mA
*2
IC = 500mA, IB = 0.5mA
*2
IC = 500mA, IB = 0.5mA
*2
VCB = 10V, IE = –50mA, f = 200MHz
min
60
50
5
4000
typ
200
max
100
100
20000
2.5
3.0
Unit
nA
nA
V
V
V
V
V
MHz
*1h
FE Rank classification
Rank
Q
R
hFE
4000 ~ 10000 8000 ~ 20000
1.2
±0.1
0.65
max.
0.45 0.1
0.05
+
Note: In addition to the
lead type shown in
the upper figure, the
type as shown in
the lower figure is
also available.
(HW type)
*2 Pulse measurement
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
Internal Connection
B
C
E


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn