Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1050D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1050D
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1050D Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD1050D Datasheet HTML 1Page - Texas Instruments SN65HVD1050D Datasheet HTML 2Page - Texas Instruments SN65HVD1050D Datasheet HTML 3Page - Texas Instruments SN65HVD1050D Datasheet HTML 4Page - Texas Instruments SN65HVD1050D Datasheet HTML 5Page - Texas Instruments SN65HVD1050D Datasheet HTML 6Page - Texas Instruments SN65HVD1050D Datasheet HTML 7Page - Texas Instruments SN65HVD1050D Datasheet HTML 8Page - Texas Instruments SN65HVD1050D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
S-PIN CHARACTERISTICS
VREF-PIN CHARACTERISTICS
THERMAL CHARACTERISTICS
SN65HVD1050
SLLS632 – DECEMBER 2005
RECEIVER ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Input resistance matching
RI(m)
V(CANH) = V(CANL)
–3%
0%
3%
[1 – (RIN (CANH) / RIN (CANL))] x 100%
over recommended operating conditiions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
60
100
130
ns
tPHL
Propagation delay time, high-to-low-level output
45
70
90
ns
S at 0 V or VCC, See Figure 6
tr
Output signal rise time
8
ns
tf
Output signal fall time
8
ns
over recommended operating conditiions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High level input current
S at 2 V
20
40
70
µA
IIL
Low level input current
S at 0.8 V
5
20
30
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Reference output voltage
–50 µA < IO < 50 µA
0.4 VCC
0.5 VCC 0.6 VCC
V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K thermal resistance(1)
211
θ
JA
Junction-to-Air
High-K thermal resistance
131
Junction-to-Board Thermal
°C/W
θ
JB
53
Resistance
Junction-to-Case Thermal
θ
JC
79
Resistance
VCC = 5.0 V, Tj = 27°C, RL = 60 Ω, S at 0 V, Input to
TXD a 500 kHz, 50% duty cycle square wave. CL at
112
mW
RXD = 15 pF
PD
Average power dissipation
VCC = 5.5 V, Tj = 130°C, RL = 45 Ω, S at 0 V, Input to
TXD a 500 kHz, 50% duty cycle square wave. CL at
170
RXD = 15 pF
Thermal shutdown temperature
190
°C
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface-mount packages.
5


Similar Part No. - SN65HVD1050D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050D TI-SN65HVD1050D Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050DG4 TI-SN65HVD1050DG4 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050DR TI-SN65HVD1050DR Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050DRG4 TI-SN65HVD1050DRG4 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1050D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com