Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS3VH16210 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # QS3VH16210
Description  QUICKSWITCH - TM PRODUCTS 2.5V / 3.3V 20 - BIT 2 - PORT, HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH16210 Datasheet(HTML) 8 Page - Integrated Device Technology

  QS3VH16210 Datasheet HTML 1Page - Integrated Device Technology QS3VH16210 Datasheet HTML 2Page - Integrated Device Technology QS3VH16210 Datasheet HTML 3Page - Integrated Device Technology QS3VH16210 Datasheet HTML 4Page - Integrated Device Technology QS3VH16210 Datasheet HTML 5Page - Integrated Device Technology QS3VH16210 Datasheet HTML 6Page - Integrated Device Technology QS3VH16210 Datasheet HTML 7Page - Integrated Device Technology QS3VH16210 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16210
2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH
ORDERING INFORMATION
IDTQS
XXXXX
XX
Package
Device Type
3VH16210
2.5V / 3.3V 20-Bit 2-Port, High Bandwidth Bus Switch
PV
PA
PAG
Shrink Small Outline Package
Thin Shrink Small Outline Package
TSSOP - Green
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com


Similar Part No. - QS3VH16210

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH16210PAG IDT-QS3VH16210PAG Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
QS3VH16210PAG8 IDT-QS3VH16210PAG8 Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH16210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS3VH16210 RENESAS-IDTQS3VH16210 Datasheet
446Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
JULY 2013
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384 Datasheet
74Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32XVH384 RENESAS-IDTQS32XVH384 Datasheet
453Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
SEPTEMBER 2011
IDTQS3VH16862 RENESAS-IDTQS3VH16862 Datasheet
455Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 20-BIT DUAL PORT, HIGH BANDWIDTH BUS SWITCH
JUNE 2013
logo
Integrated Device Techn...
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com