Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


QS3VH16210 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. QS3VH16210
Description  QUICKSWITCH - TM PRODUCTS 2.5V / 3.3V 20 - BIT 2 - PORT, HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

   
 2 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16210
2.5V / 3.3V 20-BIT 2 PORT, HIGH BANDWIDTH BUS SWITCH
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max.
Unit
VTERM(2)
SupplyVoltagetoGround
– 0.5 to 4.6
V
VTERM(3)
DC Switch Voltage VS
– 0.5 to 5.5
V
VTERM(3)
DC Input Voltage VIN
– 0.5 to 5.5
V
VAC
AC Input Voltage (pulse width
≤20ns)
– 3
V
IOUT
DCOutputCurrent(max.current/pin)
120
mA
TSTG
StorageTemperature
-65to+150
°C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
PIN CONFIGURATION
SSOP/ TSSOP
TOP VIEW
CAPACITANCE (TA = +25oC, f = 1MHz, VIN = 0V, VOUT = 0V)
Symbol
Parameter(1)
Typ.
Max.
Unit
CIN
ControlInputs
3
5
pF
CI/O
Quickswitch Channels (Switch OFF)
4
6
pF
CI/O
Quickswitch Channels (Switch ON)
8
12
pF
NOTE:
1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names
Description
xOE
Bus Enables (Active LOW)
1
A1 - 1A10, 2A1 - 2A10
Bus A
1
B1 - 1B10, 2B1 - 2B10
Bus B
FUNCTION TABLE (EACH 10-BIT BUS SWITCH) (1)
Control Input
xOE
Function
L
A port = B port
H
Disconnect
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
48
1O E
1
47
2O E
2
46
3
1B1
45
4
44
5
43
6
41
8
40
9
39
10
42
7
38
11
37
12
36
13
35
14
34
15
33
16
32
17
31
18
29
20
28
21
27
22
30
19
26
23
25
24
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
1
A1
2
A1
NC
1
A2
1
A3
1
A4
1
A5
1
A6
GND
1
A7
1
A8
1
A9
1
A10
2
A2
VCC
2
A3
GND
2
A4
2
A5
2
A6
2
A7
2
A8
2
A9
2
A10




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDTQS3VH2245QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDTQS34XVH245QUICKSWITCH PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDTQS3VH16212QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
SN74CB3Q33458 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreTexas Instruments
IDTQS3VH383QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDTQS3VH384QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
SN74CB3Q680010 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreTexas Instruments
IDTQS3VH244QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDTQS3VH125QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDTQS3VH16244QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl